Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22 Datasheet(PDF) 211 Page - Microchip Technology

Part # PIC18F23K22
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 211 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 207Page - Microchip Technology PIC18F23K22 Datasheet HTML 208Page - Microchip Technology PIC18F23K22 Datasheet HTML 209Page - Microchip Technology PIC18F23K22 Datasheet HTML 210Page - Microchip Technology PIC18F23K22 Datasheet HTML 211Page - Microchip Technology PIC18F23K22 Datasheet HTML 212Page - Microchip Technology PIC18F23K22 Datasheet HTML 213Page - Microchip Technology PIC18F23K22 Datasheet HTML 214Page - Microchip Technology PIC18F23K22 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 211
PIC18(L)F2X/4XK22
FIGURE 15-4:
SPI MASTER AND MULTIPLE SLAVE CONNECTION
15.2.1
SPI MODE REGISTERS
The MSSPx module has five registers for SPI mode
operation. These are:
• MSSPx STATUS register (SSPxSTAT)
• MSSPx Control register 1 (SSPxCON1)
• MSSPx Control register 3 (SSPxCON3)
• MSSPx Data Buffer register (SSPxBUF)
• MSSPx Address register (SSPxADD)
• MSSPx Shift register (SSPxSR)
(Not directly accessible)
SSPxCON1 and SSPxSTAT are the control and
STATUS registers in SPI mode operation. The
SSPxCON1 register is readable and writable. The
lower 6 bits of the SSPxSTAT are read-only. The
upper two bits of the SSPxSTAT are read/write.
In one SPI Master mode, SSPxADD can be loaded
with a value used in the Baud Rate Generator. More
information on the Baud Rate Generator is available in
Section 15.7 “Baud Rate Generator”.
SSPxSR is the shift register used for shifting data in
and out. SSPxBUF provides indirect access to the
SSPxSR register. SSPxBUF is the buffer register to
which data bytes are written, and from which data
bytes are read.
In receive operations, SSPxSR and SSPxBUF
together create a buffered receiver. When SSPxSR
receives a complete byte, it is transferred to SSPxBUF
and the SSPxIF interrupt is set.
During transmission, the SSPxBUF is not buffered. A
write to SSPxBUF will write to both SSPxBUF and
SSPxSR.
15.2.2
SPI MODE OPERATION
When initializing the SPI, several options need to be
specified. This is done by programming the appropriate
control bits (SSPxCON1<5:0> and SSPxSTAT<7:6>).
These control bits allow the following to be specified:
• Master mode (SCKx is the clock output)
• Slave mode (SCKx is the clock input)
• Clock Polarity (Idle state of SCKx)
• Data Input Sample Phase (middle or end of data
output time)
• Clock Edge (output data on rising/falling edge of
SCKx)
• Clock Rate (Master mode only)
• Slave Select mode (Slave mode only)
To enable the serial port, SSPx Enable bit, SSPxEN of
the SSPxCON1 register, must be set. To reset or
reconfigure SPI mode, clear the SSPxEN bit, re-initial-
ize the SSPxCONx registers and then set the SSPxEN
bit. This configures the SDIx, SDOx, SCKx and SSx
pins as serial port pins. For the pins to behave as the
serial port function, some must have their data direction
bits (in the TRIS register) appropriately programmed as
follows:
• SDIx must have corresponding TRIS bit set
• SDOx must have corresponding TRIS bit cleared
• SCKx (Master mode) must have corresponding
TRIS bit cleared
• SCKx (Slave mode) must have corresponding
TRIS bit set
• SSx must have corresponding TRIS bit set
SPI Master
SCLK
SDOx
SDIx
General I/O
General I/O
General I/O
SCLK
SDIx
SDOx
SSx
SPI Slave
#1
SCLK
SDIx
SDOx
SSx
SPI Slave
#2
SCLK
SDIx
SDOx
SSx
SPI Slave
#3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com