Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8018 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8018
Description  High-Speed and High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8018 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8018 Datasheet HTML 1Page - Toshiba Semiconductor TPC8018 Datasheet HTML 2Page - Toshiba Semiconductor TPC8018 Datasheet HTML 3Page - Toshiba Semiconductor TPC8018 Datasheet HTML 4Page - Toshiba Semiconductor TPC8018 Datasheet HTML 5Page - Toshiba Semiconductor TPC8018 Datasheet HTML 6Page - Toshiba Semiconductor TPC8018 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8018-H
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC8018-H
High-Speed and High-Efficiency DC/DC Converter
Applications
Notebook PC Applications
Portable-Equipment Applications
• Small footprint due to a small and thin package
• High-speed switching
• Small gate charge: QSW = 12 nC (typ.)
• Low drain-source ON-resistance: RDS (ON) = 3.5 mΩ (typ.)
• High forward transfer admittance: |Yfs| =50 S (typ.)
• Low leakage current: IDSS = 10 µA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.1 to 2.3 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
18
Drain current
Pulsed (Note 1)
IDP
72
A
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
1.9
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.0
W
Single-pulse avalanche energy
(Note 3)
EAS
210
mJ
Avalanche current
IAR
18
A
Repetitive avalanche energy
(Note 2a) (Note 4)
EAR
0.19
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1B
Weight: 0.085 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


Similar Part No. - TPC8018

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8018-H VBSEMI-TPC8018-H Datasheet
993Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC8018

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8016-H TOSHIBA-TPCA8016-H Datasheet
161Kb / 4P
High-Speed and High-Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H Datasheet
291Kb / 7P
High Speed and High Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications
TPCM8001-H TOSHIBA-TPCM8001-H Datasheet
42Kb / 4P
High Speed and High Efficiency DC-DC Converters, Notebook PC Applications, Portable Equipment Applications
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPCP8005-H TOSHIBA-TPCP8005-H Datasheet
217Kb / 7P
High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com