Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C162 Datasheet(PDF) 6 Page - Microchip Technology

Part # RE46C162
Description  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C162 Datasheet(HTML) 6 Page - Microchip Technology

Back Button RE46C162 Datasheet HTML 2Page - Microchip Technology RE46C162 Datasheet HTML 3Page - Microchip Technology RE46C162 Datasheet HTML 4Page - Microchip Technology RE46C162 Datasheet HTML 5Page - Microchip Technology RE46C162 Datasheet HTML 6Page - Microchip Technology RE46C162 Datasheet HTML 7Page - Microchip Technology RE46C162 Datasheet HTML 8Page - Microchip Technology RE46C162 Datasheet HTML 9Page - Microchip Technology RE46C162 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
RE46C162/163
DS22245A-page 6
 2010 Microchip Technology Inc.
Output Low Voltage
VOL1
10,11
—
—
.9
V
IOL = 16 mA, VDD = 7.2V
VOL2
4—
—
.5
V
IOL = 500 µA
VOL3
5—
—1
V
IOL = 10 mA, VDD = 7.2V
Output Current
IIOL1
2
25
—
60
µA
No alarm, VIO = VDD -2V
IIOH1
2
-4
—
-16
mA
Alarm, VIO = VDD -2V or VIO = 0V
IIODMP
2
5
—
—
mA
At conclusion of local alarm or test,
VIO = 1V
Low Battery Voltage
VLB
6
7.2
7.5
7.8
V
TA = -10 to +60ºC, Note 3
Internal Sensitivity Set
Voltage
VSET1
13
48.5
50
51.5
%VDD
Offset Voltage
VGOS1
14,15
-50
—
50
mV
Guard amplifier
VGOS2
15,16
-50
—
50
mV
Guard amplifier
VGOS3
13,15
-50
—
50
mV
Smoke comparator
Common Mode Voltage
VCM1
14,15
2
—
VDD-
.5
V
Guard amplifier, Note 2
VCM2
13,15
.5
—
VDD-2
V
Smoke comparator, Note 2
Output Impedance
ZOUT
14,16
—
10
—
kW
Guard amplifier outputs, Note 2
Hysteresis
VHYS
13
90
130
170
mV
No alarm to alarm condition
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
DC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = +25°C, VDD = 9V,
OSCAP = .1 µF, RBIAS = 8.2 M
, VSS = 0V
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Conditions
Note
1:
Sample test only.
2:
Not 100% production tested.
3:
Production test at room with temperature guard banded limits.
AC ELECTRICAL CHARACTERISTICS
AC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = +25°C, VDD = 9V,
OSCAP = .1 µF, RBIAS = 8.2 M
, VSS = 0V.
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Conditions
Oscillator Period
TPER1
12
1.34
1.67
2
s
No alarm condition
TPER2
12
37.5
41.7
45.8
ms
Alarm condition
Oscillator Pulse Width
TPW
5
9.4
10.5
12.9
ms
Operating
LED On Time
TLON
5
9.4
10.5
12.9
ms
Operating
LED Off Time
TLOF1
5
32
40
48
s
Standby, no alarm
TLOF2
5
.9
1
1.1
s
Alarm condition
TLOF3
5
8
10
12
s
Timer mode, no alarm
TLOF4
5
2.66
3.33
4
s
Alarm memory LED pulse spacing
TLOF5
5
26
33.3
40
s
Alarm memory LED off time between
pulse train
Note 1:
See timing diagram for horn temporal and non-temporal patterns.
2:
TPER1,TPER2 and TPW are 100% production tested. All other timing is verified by functional testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com