Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C162 Datasheet(PDF) 9 Page - Microchip Technology

Part # RE46C162
Description  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C162 Datasheet(HTML) 9 Page - Microchip Technology

Back Button RE46C162 Datasheet HTML 5Page - Microchip Technology RE46C162 Datasheet HTML 6Page - Microchip Technology RE46C162 Datasheet HTML 7Page - Microchip Technology RE46C162 Datasheet HTML 8Page - Microchip Technology RE46C162 Datasheet HTML 9Page - Microchip Technology RE46C162 Datasheet HTML 10Page - Microchip Technology RE46C162 Datasheet HTML 11Page - Microchip Technology RE46C162 Datasheet HTML 12Page - Microchip Technology RE46C162 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2010 Microchip Technology Inc.
DS22245A-page 9
RE46C162/163
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
RE46C162/163
Name
Description
PDIP, SOIC
1
TSTART
This input is used to invoke the push-to-test alarm, alarm memory indication,
and the timer mode. This input has an internal pull-down.
2
I/O
This bidirectional pin provides the capability to interconnect many detectors in a
single system. This pin has an internal pull-down.
3
TONE
This pin selects the NFPA72 horn tone (high) or the 2/3 duty cycle continuous
tone (low).
4
TSTROBE
This pin is strobed on with the internal clock in timer mode. A resistor
connected to this pin is used to modify the detector sensitivity for the timer
period.
5
LED
Open drain NMOS output used to drive a visible LED.
6VDD
Connect to the positive supply voltage.
7
RBIAS
A resistor connected between this pin and VDD sets the internal bias current.
8
FEED
Usually connected to the feedback electrode through a current limiting resistor.
If not used, this pin must be connected to VDD or VSS.
9VSS
Connect to the negative supply voltage.
10
HB
This pin is connected to the metal electrode of a piezoelectric transducer.
11
HS
HS is a complementary output to HB and connects to the ceramic electrode of
the piezoelectric transducer.
12
OSCAP
A capacitor connected between this pin and VSS sets the oscillator timing.
13
VSEN
This pin can be used to modify the set point for the smoke comparator by use of
external resistors to VDD or VSS.
14
GUARD1
Output of the guard amplifier.
15
DETECT
Connect to the collector electrode (CEV) of the ion smoke chamber.
16
GUARD2
Output of the guard amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com