Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8B01 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCF8B01
Description  Notebook PC Applications Portable Equipment Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8B01 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCF8B01 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TPCF8B01
2009-09-29
1
TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TPCF8B01
Notebook PC Applications
Portable Equipment Applications
• Low drain-source ON resistance: RDS (ON) = 72 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 4.7 S (typ.)
• Low leakage current: IDSS =-10 μA (max) (VDS = -20 V)
• Enhancement-model: Vth = -0.5 to-1.2 V (VDS =-10 V, ID = -200 μA)
• Low forward voltage: VFM(2) = 0.46 V (typ.)
Absolute Maximum Ratings
MOSFET (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
-20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
-20
V
Gate-source voltage
VGSS
±8
V
DC
(Note 1)
ID
-2.7
Drain current
Pulse
(Note 1)
IDP
-10.8
A
Single pulse avalanche energy
(Note 4)
EAS
1.2
mJ
Avalanche current
IAR
-1.35
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.11
mJ
SBD (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
20
V
Average forward current (Note 2a, 6)
IF(AV)
1.0
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
7(50Hz)
A
Absolute Maximum Ratings for MOSFET and SBD (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Single-device operation
(Note 3a)
PD (1)
1.35
Drain power
dissipation
(t
= 5 s) (Note 2a) Single-device value at
dual operation (Note 3b)
PD (2)
1.12
Single-device operation
(Note 3a)
PD (1)
0.53
Drain power
dissipation
(t
= 5 s) (Note 2b) Single-device value at
dual operation (Note 3b)
PD (2)
0.33
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Note: For (Note 1), (Note 2), (Note 3), (Note 4), (Note 5) and (Note 6), please refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3U1C
Weight: 0.011 g (typ.)
Circuit Configuration
1
2
3
4
8
7
6
5


Similar Part No. - TPCF8B01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8B01 TOSHIBA-TPCF8B01 Datasheet
81Kb / 4P
TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TPCF8B01 TOSHIBA-TPCF8B01 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCF8B01 TOSHIBA-TPCF8B01_07 Datasheet
324Kb / 9P
TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
More results

Similar Description - TPCF8B01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCF8A01 TOSHIBA-TPCF8A01 Datasheet
329Kb / 9P
Notebook PC Applications Portable Equipment Applications
TPC6101 TOSHIBA-TPC6101 Datasheet
155Kb / 6P
Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com