Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVA1002 Datasheet(PDF) 4 Page - Microchip Technology

Part # DVA1002
Description  Processor Module and Device Adapter Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA1002 Datasheet(HTML) 4 Page - Microchip Technology

  DVA1002 Datasheet HTML 1Page - Microchip Technology DVA1002 Datasheet HTML 2Page - Microchip Technology DVA1002 Datasheet HTML 3Page - Microchip Technology DVA1002 Datasheet HTML 4Page - Microchip Technology DVA1002 Datasheet HTML 5Page - Microchip Technology DVA1002 Datasheet HTML 6Page - Microchip Technology DVA1002 Datasheet HTML 7Page - Microchip Technology DVA1002 Datasheet HTML 8Page - Microchip Technology DVA1002 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MPLAB® ICE 2000
DS51140M-page 4
© 2006 Microchip Technology Inc.
4.3.2
CLOCK SOURCE FROM THE TARGET
APPLICATION
If the target application is selected to provide the clock
source, the target board must also be selected to
power the emulator processor (see the MPLAB ICE
2000 on-line help file in MPLAB IDE (Help>Topics) or
the “MPLAB® ICE 2000 In-Circuit Emulator User’s
Guide” (DS51488), “Using a Target Board Clock”).
At low voltage, the maximum speed of the processor
will be limited to the rated speed of the device under
emulation.
An oscillator circuit on the device adapter generates a
clock to the processor module and buffers the clock
circuit on the target board. In this way, the MPLAB ICE
2000 emulator closely matches the oscillator options of
the actual device. All oscillator modes are supported
(as documented in the device’s data sheet) except as
noted in Section 3.0 “Emulator-Related Issues”. The
OSC1 and OSC2 inputs of the device adapter have a
5 pF to 10 pF load. Be aware of this when using a
crystal in HS, XT, LP or LF modes, or an RC network in
RC mode.
The frequency of the emulated RC network may vary
relative to the actual device due to emulator circuitry.
If a specific frequency is important, adjust the RC val-
ues to achieve the desired frequency. Another alterna-
tive would be to allow the emulator to provide the
clock as described in Section 4.3.1 “Clock Source
from Emulator”.
When using the target board clock, the system’s
operating voltage is between 2.5V and 5.5V.
4.4
ESD Protection and Electrical
Overstress
All CMOS chips are susceptible to electrostatic
discharge (ESD). In the case of the processor modules,
the pins of the CMOS emulator are directly connected
to the target connector, making the chip vulnerable to
ESD. ESD can also induce latch-up in CMOS chips,
causing excessive current through the chip and
possible damage. MPLAB ICE 2000 has been
designed to minimize potential damage by implement-
ing overcurrent protection and transient suppressors.
However, care should be given to minimizing ESD
conditions while using the system.
During development, contention on an I/O pin is
possible (e.g., when an emulator pin is driving a ‘1’ and
the target board is driving a ‘0’). Prolonged contention
may cause latch-up and damage to the emulator chip.
One possible precaution is to use current limiting
resistors (~100
Ω) during the development phase on
bidirectional I/O pins. Using limiting resistors can also
help avoid damage to modules, device adapters and
pods that occurs when a voltage source is accidentally
connected to an I/O pin on the target board.
4.5
Freeze Mode
The MPLAB ICE 2000 system allows the option of
“freezing” peripheral operation or allowing them to
continue operating when the processor is halted. This
option is configured in the MPLAB IDE. The Freeze
function is available on all processor modules except
the PCM16XA0.
This function is useful to halt an on-board timer while at
a break point. At a break point and while single
stepping, interrupts are disabled.
5.0
DEVICE ADAPTER ISSUES
This section details processor-specific considerations
that have been made on device adapters. Only
adapters with special considerations are listed.
There will be a max of 10 mA of current draw from the
target system even when the emulator processor
module is being powered by the emulator system, and
running internal clock. This is due to components on
the device adapter being powered by the target board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com