Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVA1002 Datasheet(PDF) 6 Page - Microchip Technology

Part # DVA1002
Description  Processor Module and Device Adapter Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA1002 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DVA1002 Datasheet HTML 2Page - Microchip Technology DVA1002 Datasheet HTML 3Page - Microchip Technology DVA1002 Datasheet HTML 4Page - Microchip Technology DVA1002 Datasheet HTML 5Page - Microchip Technology DVA1002 Datasheet HTML 6Page - Microchip Technology DVA1002 Datasheet HTML 7Page - Microchip Technology DVA1002 Datasheet HTML 8Page - Microchip Technology DVA1002 Datasheet HTML 9Page - Microchip Technology DVA1002 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MPLAB® ICE 2000
DS51140M-page 6
© 2006 Microchip Technology Inc.
5.3
DVA14XP280
5.4
DVA16XP140
This device adapter is intended for use with the PIC14000
28-pin DIP device. It has two mechanical switches that
allow target pins OSC1 and OSC2 to be routed to the
emulator silicon on the PCM14XA0 processor module or
the oscillator device on the device adapter, as shown in
Table 5-3.
TABLE 5-3:
DVA14XP280 DEVICE ADAPTER SWITCH ASSIGNMENT
Desired Function
Switch Position
IN Mode
Set S1 to OSC2INT
Set S2 to OSC1INT
HS Mode
Set S1 to OSC2EXT
Set S2 to OSC1EXT
This device adapter is intended for use with the PIC16C505
14-pin DIP device. It has four mechanical switches. Two of
the switches allow target pins RB4 and RB5 to be routed to
the emulator silicon on the PCM16XA0 processor module or
the oscillator device on the device adapter. The other two
switches control the routing of RB3 and RC5 signals. RB3
can be a general purpose input or MCLR. RC5 can be a
general purpose I/O or can drive the TOCKI input, as shown
in Table 5-4.
TABLE 5-4:
DVA16XP140 DEVICE ADAPTER SWITCH ASSIGNMENT
Desired Function
Switch Positions
RC5
Set S4 to RC5
RB3
Set S3 to RB3
RB4
Set S2 to RB4
RB5
Set S1 to RB5
MCLR
Set S3 to MCLR
External Oscillator Input
Set S1 to OSC1 and
set S2 to OSC2
TIMER0 Clock Input
Set S4 to T0CKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com