Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SP Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 137Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 138Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 139Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 140Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 141Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 142Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 143Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 144Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 141
PIC16F72X/PIC16LF72X
15.3
PWM Mode
The PWM mode generates a Pulse-Width Modulated
signal on the CCPx pin. The duty cycle, period and
resolution are determined by the following registers:
•PR2
•T2CON
• CCPRxL
• CCPxCON
In Pulse-Width Modulation (PWM) mode, the CCP
module produces up to a 10-bit resolution PWM output
on the CCPx pin.
Figure 15-3 shows a simplified block diagram of PWM
operation.
Figure 15-4 shows a typical waveform of the PWM
signal.
For a step-by-step procedure on how to set up the CCP
module for PWM operation, refer to Section 15.3.8
“Setup for PWM Operation”.
FIGURE 15-3:
SIMPLIFIED PWM BLOCK
DIAGRAM
The PWM output (Figure 15-4) has a time base
(period) and a time that the output stays high (duty
cycle).
FIGURE 15-4:
CCP PWM OUTPUT
15.3.1
CCPX PIN CONFIGURATION
In PWM mode, the CCPx pin is multiplexed with the
PORT data latch. The user must configure the CCPx
pin as an output by clearing the associated TRIS bit.
Either RC1 or RB3 can be selected as the CCP2 pin.
Refer to Section 6.1 “Alternate Pin Function” for
more information.
CCPRxL
CCPRxH(2) (Slave)
Comparator
TMR2
PR2
(1)
RQ
S
Duty Cycle Registers
CCPxCON<5:4>
Clear Timer2,
toggle CCPx pin and
latch duty cycle
Note
1:
The 8-bit timer TMR2 register is concatenated
with the 2-bit internal system clock (FOSC), or
2 bits of the prescaler, to create the 10-bit time
base.
2:
In PWM mode, CCPRxH is a read-only register.
TRIS
CCPx
Comparator
Note:
Clearing
the
CCPxCON
register
will
relinquish CCPx control of the CCPx pin.
Period
Pulse Width
TMR2 = 0
TMR2 = CCPRxL:CCPxCON<5:4>
TMR2 = PR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com