Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SP Datasheet(PDF) 142 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 142 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 138Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 139Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 140Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 141Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 142Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 143Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 144Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 145Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 142
© 2009 Microchip Technology Inc.
15.3.2
PWM PERIOD
The PWM period is specified by the PR2 register of
Timer2. The PWM period can be calculated using the
formula of Equation 15-1.
EQUATION 15-1:
PWM PERIOD
When TMR2 is equal to PR2, the following three events
occur on the next increment cycle:
• TMR2 is cleared
• The CCPx pin is set. (Exception: If the PWM duty
cycle = 0%, the pin will not be set.)
• The PWM duty cycle is latched from CCPRxL into
CCPRxH.
15.3.3
PWM DUTY CYCLE
The PWM duty cycle is specified by writing a 10-bit value
to multiple registers: CCPRxL register and DCxB<1:0>
bits of the CCPxCON register. The CCPRxL contains
the eight MSbs and the DCxB<1:0> bits of the
CCPxCON register contain the two LSbs. CCPRxL and
DCxB<1:0> bits of the CCPxCON register can be written
to at any time. The duty cycle value is not latched into
CCPRxH until after the period completes (i.e., a match
between PR2 and TMR2 registers occurs). While using
the PWM, the CCPRxH register is read-only.
Equation 15-2 is used to calculate the PWM pulse
width.
Equation 15-3 is used to calculate the PWM duty cycle
ratio.
EQUATION 15-2:
PULSE WIDTH
EQUATION 15-3:
DUTY CYCLE RATIO
The CCPRxH register and a 2-bit internal latch are
used to double buffer the PWM duty cycle. This double
buffering is essential for glitchless PWM operation.
The 8-bit timer TMR2 register is concatenated with
either the 2-bit internal system clock (FOSC), or 2 bits of
the prescaler, to create the 10-bit time base. The system
clock is used if the Timer2 prescaler is set to 1:1.
When the 10-bit time base matches the CCPRxH and
2-bit latch, then the CCPx pin is cleared (refer to
Figure 15-3).
Note:
The
Timer2
postscaler
(refer
to
Section 13.1 “Timer2 Operation”) is not
used in the determination of the PWM
frequency.
PWM Period
PR2
() 1
+
[] 4TOSC •
•
•
=
(TMR2 Prescale Value)
Note:
TOSC = 1/FOSC
Pulse Width
CCPRxL:CCPxCON<5:4>
()
•
=
TOSC
• (TMR2 Prescale Value)
Note: TOSC = 1/FOSC
Duty Cycle Ratio
CCPRxL:CCPxCON<5:4>
()
4PR2
1
+
()
-----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com