Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SS Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 105Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 106Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 107Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 108Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 109Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 110Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 111Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 112Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 109
PIC16F72X/PIC16LF72X
10.0
FIXED VOLTAGE REFERENCE
This device contains an internal voltage regulator. To
provide a reference for the regulator, a band gap refer-
ence is provided. This band gap is also user accessible
via an A/D converter channel.
User level band gap functions are controlled by the
FVRCON register, which is shown in Register 10-1.
REGISTER 10-1:
FVRCON: FIXED VOLTAGE REFERENCE REGISTER
R-q
R/W-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
FVRRDY
FVREN
—
—
—
—
ADFVR1
ADFVR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
q = Value depends on condition
bit 7
FVRRDY(1): Fixed Voltage Reference Ready Flag bit
0
= Fixed Voltage Reference output is not active or stable
1
= Fixed Voltage Reference output is ready for use
bit 6
FVREN(2): Fixed Voltage Reference Enable bit
0
= Fixed Voltage Reference is disabled
1
= Fixed Voltage Reference is enabled
bit 5-2
Unimplemented: Read as ‘0’
bit 1-0
ADFVR<1:0>: A/D Converter Fixed Voltage Reference Selection bits
00
= A/D Converter Fixed Voltage Reference Peripheral output is off.
01
= A/D Converter Fixed Voltage Reference Peripheral output is 1x (1.024V)
10
= A/D Converter Fixed Voltage Reference Peripheral output is 2x (2.048V)(2)
11
= A/D Converter Fixed Voltage Reference Peripheral output is 4x (4.096V)(2)
Note 1:
FVRRDY is always ‘1’ for the PIC16F72X devices.
2:
Fixed Voltage Reference output cannot exceed VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com