Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SS Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 107Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 108Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 109Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 110Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 111Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 112Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 113Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 114Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 111
PIC16F72X/PIC16LF72X
11.0
TIMER0 MODULE
The Timer0 module is an 8-bit timer/counter with the
following features:
• 8-bit timer/counter register (TMR0)
• 8-bit prescaler (shared with Watchdog Timer)
• Programmable internal or external clock source
• Programmable external clock edge selection
• Interrupt on overflow
• TMR0 can be used to gate Timer1
Figure 11-1 is a block diagram of the Timer0 module.
11.1
Timer0 Operation
The Timer0 module can be used as either an 8-bit timer
or an 8-bit counter.
11.1.1
8-BIT TIMER MODE
The Timer0 module will increment every instruction
cycle, if used without a prescaler. 8-Bit Timer mode is
selected by clearing the T0CS bit of the OPTION
register.
When TMR0 is written, the increment is inhibited for
two instruction cycles immediately following the write.
11.1.2
8-BIT COUNTER MODE
In 8-Bit Counter mode, the Timer0 module will
increment on every rising or falling edge of the T0CKI
pin or the Capacitive Sensing Oscillator (CPSOSC)
signal.
8-Bit Counter Mode using the T0CKI pin is selected by
setting the T0CS bit in the OPTION register to ‘1’ and
resetting the T0XCS bit in the CPSCON0 register to ‘0’.
8-Bit Counter Mode using the Capacitive Sensing
Oscillator (CPSOSC) signal is selected by setting the
T0CS bit in the OPTION register to ‘1’ and setting the
T0XCS bit in the CPSCON0 register to ‘1’.
The rising or falling transition of the incrementing edge
for either input source is determined by the T0SE bit in
the OPTION register.
FIGURE 11-1:
BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER
Note:
The value written to the TMR0 register can
be adjusted, in order to account for the two
instruction cycle delay when TMR0 is
written.
T0CKI
T0SE
TMR0
WDT
Time-out
PS<2:0>
WDTE
Data Bus
Set Flag bit T0IF
on Overflow
T0CS
0
1
0
1
0
1
8
8
8-bit
Prescaler
0
1
FOSC/4
PSA
PSA
PSA
Sync
2 TCY
Overflow to Timer1
Divide by
512
TMR1GE
T1GSS = 11
1
0
Cap. Sensing
T0XCS
Oscillator
Low-Power
WDT OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com