Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SS Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 129Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 130Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 131Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 132Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 133Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 134Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 135Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 136Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 302 page
background image
© 2009 Microchip Technology Inc.
41341E-page 133
PIC16F72X/PIC16LF72X
REGISTER 14-1:
CPSCON0: CAPACITIVE SENSING CONTROL REGISTER 0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R-0
R/W-0
CPSON
—
—
—
CPSRNG1
CPSRNG0
CPSOUT
T0XCS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CPSON: Capacitive Sensing Module Enable bit
1
= Capacitive sensing module is operating
0
= Capacitive sensing module is shut off and consumes no operating current
bit 6-4
Unimplemented: Read as ‘0’
bit 3-2
CPSRNG<1:0>: Capacitive Sensing Oscillator Range bits
00
= Oscillator is off.
01
= Oscillator is in low range. Charge/discharge current is nominally 0.1 µA.
10
= Oscillator is in medium range. Charge/discharge current is nominally 1.2 µA.
11
= Oscillator is in high range. Charge/discharge current is nominally 18 µA.
bit 1
CPSOUT: Capacitive Sensing Oscillator Status bit
1
= Oscillator is sourcing current (Current flowing out the pin)
0
= Oscillator is sinking current (Current flowing into the pin)
bit 0
T0XCS: Timer0 External Clock Source Select bit
If T0CS = 1
The T0XCS bit controls which clock external to the core/Timer0 module supplies Timer0:
1
=
Timer0 Clock Source is the capacitive sensing oscillator
0
=
Timer0 Clock Source is the T0CKI pin
If T0CS = 0
Timer0 clock source is controlled by the core/Timer0 module and is FOSC/4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com