Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F722-E/SS Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 132Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 133Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 134Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 135Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 136Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 137Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 138Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 139Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 136
© 2009 Microchip Technology Inc.
REGISTER 15-1:
CCPxCON: CCPx CONTROL REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DCxB<1:0>: PWM Duty Cycle Least Significant bits
Capture mode:
Unused
Compare mode:
Unused
PWM mode:
These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPRxL.
bit 3-0
CCPxM<3:0>: CCP Mode Select bits
0000
= Capture/Compare/PWM off (resets CCP module)
0001
= Unused (reserved)
0010
= Compare mode, toggle output on match (CCPxIF bit of the PIRx register is set)
0011
= Unused (reserved)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCPxIF bit of the PIRx register is set)
1001
= Compare mode, clear output on match (CCPxIF bit of the PIRx register is set)
1010
= Compare mode, generate software interrupt on match (CCPxIF bit is set of the PIRx register,
CCPx pin is unaffected)
1011
= Compare mode, trigger special event (CCPxIF bit of the PIRx register is set, TMR1 is reset
and A/D conversion(1) is started if the ADC module is enabled. CCPx pin is unaffected.)
11xx
= PWM mode.
Note 1: A/D conversion start feature is available only on CCP2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com