Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7312 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7312
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7312 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMP7312 Datasheet HTML 3Page - National Semiconductor (TI) LMP7312 Datasheet HTML 4Page - National Semiconductor (TI) LMP7312 Datasheet HTML 5Page - National Semiconductor (TI) LMP7312 Datasheet HTML 6Page - National Semiconductor (TI) LMP7312 Datasheet HTML 7Page - National Semiconductor (TI) LMP7312 Datasheet HTML 8Page - National Semiconductor (TI) LMP7312 Datasheet HTML 9Page - National Semiconductor (TI) LMP7312 Datasheet HTML 10Page - National Semiconductor (TI) LMP7312 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Typical Performance Characteristics
Unless otherwise specified, T
A = 25°C, V
+ = 5V, V
IO = 5V, V
− = 0V, V
CM_ATT=(+VIN+(-VIN))/2, VCM_AMP=(+IN+(-IN))/2. RL = 10kΩ,
C
L =50pF, Differential output configuration.
Offset Voltage distribution (PMOS)
30075546
Offset Voltage distribution (NMOS)
30075547
TCV
OS distribution (PMOS)
30075548
TCV
OS distribution (NMOS)
30075549
Noise vs. Frequency (Core op-amp)
30075519
0.1Hz to 10Hz Noise (Core op-amp)
30075520
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com