Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8358 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8358
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMP8358 Datasheet HTML 1Page - National Semiconductor (TI) LMP8358 Datasheet HTML 2Page - National Semiconductor (TI) LMP8358 Datasheet HTML 3Page - National Semiconductor (TI) LMP8358 Datasheet HTML 4Page - National Semiconductor (TI) LMP8358 Datasheet HTML 5Page - National Semiconductor (TI) LMP8358 Datasheet HTML 6Page - National Semiconductor (TI) LMP8358 Datasheet HTML 7Page - National Semiconductor (TI) LMP8358 Datasheet HTML 8Page - National Semiconductor (TI) LMP8358 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2kV
Machine Model
200V
Charge Device
1kV
V
IN Differential (V+IN − V−IN)
V
S
Output Short Circuit Duration (Note 3)
Any pin relative to V−
6V, −0.3V
+IN, −IN, OUT Pins
V+ +0.3V, V− −0.3V
+IN, −IN Pins
±10 mA
Storage Temperature Range
−65°C to 150°C
Junction Temperature (Note 4)
150°C
For soldering specifications:
see product folder at www.national.com and
www.national.com/ms/MS/MS-SOLDERING.pdf
Operating Ratings (Note 1)
Temperature Range
−40°C to 125°C
Supply Voltage (V
S = V
+ – V−)
2.7V to 5.5V
V
IN Differential (V+IN − V−IN)
±100mV
Package Thermal Resistance (
θ
JA (Note 4)
14-Pin SOIC
145°C/W
14-Pin TSSOP
135°C/W
3.3V Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
A = 25°C. V
+ = 3.3V , V− = 0V, V
REF = V
+/2, V
CM = V
+/2, R
L = 10 kΩ to
V
REF, CL = 10 pF; Serial Control Register: G[2:0] = 110b (Gain = 1000x), COMP[2:0] = 000b, MUX[1:0] = 00b, POL, SHDN, FILT,
PIN = 0b, CUR[2:0] = 000b. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = V
+/2
1
10
15
µV
V
CM = 0V
1
10
15
TCV
OS
Input Offset Voltage Temperature Drift
(Note 8)
V
CM = V
+/2
50
nV/°C
V
CM = 0V
50
CMRR
Common Mode Rejection Ratio
V− − 0.1V
≤ V
CM ≤ V
+ − 1.4V
110
105
139
dB
CMVR
Common Mode Voltage Range
CMRR
≥ 110 dB
−0.1
1.9
V
V
REFRR
V
REF Rejection Ratio
V− + 0.1V
≤ V
REFF ≤ V
+ − 1.4V
110
105
145
dB
PSRR
Power supply Rejection Ratio
2.7V
≤ V+ ≤ 5.5V
112
105
138
dB
EMIRR
Electro Magnetic Interference
Rejection Ratio
+IN / −IN, V
RF = 100 mVP, f = 900 MHz
83
dB
+IN / −IN, V
RF = 100 mVP, f = 1800 MHz
93
Z
INDM
Differential Input Impedance
50||1
M
Ω ‖ pF
Z
INCM
Common Mode Input Impedance
50||1
M
Ω ‖ pF
V
INDM
Differential Mode Input Voltage
±100
mV
I
B
Input Bias Current
0.006
1.2
2
nA
I
OS
Input Offset Current
0.1
112
pA
e
n
Input Voltage Noise Density
Gain = 10, f = 1 kHz
27
nV/
Gain = 20, f = 1 kHz
31
Gain = 50, f = 1 kHz
28
Gain = 100, f = 1 kHz
27
Gain = 200, f = 1 kHz
28
Gain = 500, f = 1 kHz
28
Gain = 1000, f = 1 kHz
27
Gain = External, f = 1 kHz
27
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com