Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8358 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8358
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMP8358 Datasheet HTML 1Page - National Semiconductor (TI) LMP8358 Datasheet HTML 2Page - National Semiconductor (TI) LMP8358 Datasheet HTML 3Page - National Semiconductor (TI) LMP8358 Datasheet HTML 4Page - National Semiconductor (TI) LMP8358 Datasheet HTML 5Page - National Semiconductor (TI) LMP8358 Datasheet HTML 6Page - National Semiconductor (TI) LMP8358 Datasheet HTML 7Page - National Semiconductor (TI) LMP8358 Datasheet HTML 8Page - National Semiconductor (TI) LMP8358 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
e
n
Input Voltage Noise
Gain = 10, 0.1 Hz < f < 10 Hz
0.9
µV
PP
Gain = 20, 0.1 Hz < f < 10 Hz
0.6
Gain = 50, 0.1 Hz < f < 10 Hz
0.6
Gain = 100, 0.1 Hz < f < 10 Hz
0.7
Gain = 200, 0.1 Hz < f < 10 Hz
0.6
Gain = 500, 0.1 Hz < f < 10 Hz
0.6
Gain = 1000, 0.1 Hz < f < 10 Hz
0.6
Gain = External, 0.1 Hz < f < 10 Hz
0.6
I
n
Input Current Noise Density
Gain = 100, f = 1 kHz
0.5
pA/
G
E
Gain Error
Gain = 10, 20, 50, 100, 200, 500
V
OUT = VREF + 1V and VOUT = VREF − 1V
0.03
0.1
0.15
%
G
E
Gain Error
Gain = 1000
V
OUT = VREF + 1V and VOUT = VREF − 1V
0.03
0.15
0.25
%
G
E
Gain Error Contribution from Chip
V
OUT = VREF + 1V and VOUT = VREF − 1V
0.03
%
Gain Error Temperature Coefficient
For all gain settings (internal and
external), V
OUT = VREF + 1V and
V
OUT = VREF − 1V
3
16
ppm/°C
NL
Non-Linearity
3.3
100
ppm
GBW
Gain Bandwidth
COMP[2:0] =000b, Gain > 10
8
MHz
COMP[2:0] = 001b, Gain > 30
24
COMP[2:0] = 010b, Gain > 200
80
COMP[2:0] = 011b, Gain > 300
240
COMP[2:0] = 1xxb, Gain > 1
0.8
BW
−3 dB Bandwidth
Gain = 10, COMP[2:0] = 000b
900
kHz
Gain = 10, COMP[2:0] = 1xxb
70
Gain = 20, COMP[2:0] = 000b
400
Gain = 20, COMP[2:0] = 1xxb
37
Gain = 50, COMP[2:0] = 001b
490
Gain = 50, COMP[2:0] = 1xxb
16
Gain = 100, COMP[2:0] = 010b
680
Gain = 100, COMP[2:0] = 1xxb
8
Gain = 200, COMP[2:0] = 010b
195
Gain = 200, COMP[2:0] = 1xxb
4
Gain = 500, COMP[2:0] = 011b
130
Gain = 500, COMP[2:0] = 1xxb
1.5
Gain = 1000, COMP[2:0] = 011b
89
Gain = 1000, COMP[2:0] = 1xxb
0.8
SR
Slew Rate
(Note 7)
COMP[2:0] = 000b, 10% to 90% of Step,
V
OUT = 2 VPP
1.6
V/µs
COMP[2:0] = 001b, 10% to 90% of Step,
V
OUT = 2 VPP
3.8
COMP[2:0] = 010b, 10% to 90% of Step,
V
OUT = 2 VPP
6.5
COMP[2:0] = 011b, 10% to 90% of Step,
V
OUT = 2 VPP
9.3
COMP[2:0] = 1xxb, 10% to 90% of Step,
V
OUT = 2 VPP
0.17
t
s
0.01% Settling Time
2 V Step, C
L = 10 pF, COMP[2:0] = 011b
4
µs
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com