Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5125YVN400R Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # PPC5125YVN400R
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5125YVN400R Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button PPC5125YVN400R Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 74Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 75Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 76Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 77Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
74
Figure 39. Timing Diagram — 8-,16-, 24-, and 32-bit CODEC/I2S Slave Mode
4.3.15.2
AC97 Mode
Table 41. Timing Specifications — AC97 Mode 1
NOTES:
1 Output timing is specified at a nominal 50 pF load.
Sym
Description
Min
Typ
Max
Units
SpecID
1
Bit clock cycle time
—
81.4
—
ns
A20.15
2
Clock pulse high time
—
40.7
—
ns
A20.16
3
Clock pulse low time
—
40.7
—
ns
A20.17
4
Frame sync valid after rising clock edge
—
—
13.0
ns
A20.18
5
Output data valid after rising clock edge
—
—
14.0
ns
A20.19
6
Input data setup time
1.0
—
—
ns
A20.20
7
Input data hold time
1.0
—
—
ns
A20.21
BitClk
3
(CLKPOL=0)
BitClk
(CLKPOL=1)
FrameSync
(SyncPol= 1)
TxD
Output
Input
Input
4
5
Input
FrameSync
(SyncPol= 0)
Input
RxD
Input
1
22
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com