Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12 Datasheet(PDF) 378 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 378 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 374Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 375Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 376Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 377Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 378Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 379Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 380Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 381Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 382Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
378
Freescale Semiconductor
Operators (continued)
⊕ — Logical exclusive OR
× — Multiplication
÷ — Division
M —
Negation. One’s complement (invert each bit of M)
: —
Concatenate
Example: A : B means the 16-bit value formed by concatenating 8-bit accumulator A
with 8-bit accumulator B.
A is in the high-order position.
⇒ — Transfer
Example: (A)
⇒ M means the content of accumulator A is transferred to memory
location M.
⇔ — Exchange
Example: D
⇔ X means exchange the contents of D with those of X.
Address Mode Notation
INH — Inherent; no operands in object code
IMM — Immediate; operand in object code
DIR — Direct; operand is the lower byte of an address from $0000 to $00FF
EXT — Operand is a 16-bit address
REL — Two’s complement relative offset; for branch instructions
IDX — Indexed (no extension bytes); includes:
5-bit constant offset from X, Y, SP, or PC
Pre/post increment/decrement by 1 . . . 8
Accumulator A, B, or D offset
IDX1 — 9-bit signed offset from X, Y, SP, or PC; 1 extension byte
IDX2 — 16-bit signed offset from X, Y, SP, or PC; 2 extension bytes
[IDX2] — Indexed-indirect; 16-bit offset from X, Y, SP, or PC
[D, IDX] — Indexed-indirect; accumulator D offset from X, Y, SP, or PC
Machine Coding
dd
— 8-bit direct address $0000 to $00FF. (High byte assumed to be $00).
ee
— High-order byte of a 16-bit constant offset for indexed addressing.
eb
— Exchange/Transfer post-byte. See Table A-5 on page 399.
ff
— Low-order eight bits of a 9-bit signed constant offset for indexed addressing,
or low-order byte of a 16-bit constant offset for indexed addressing.
hh
— High-order byte of a 16-bit extended address.
ii
— 8-bit immediate data value.
jj
— High-order byte of a 16-bit immediate data value.
kk
— Low-order byte of a 16-bit immediate data value.
lb
— Loop primitive (DBNE) post-byte. See Table A-6 on page 400.
ll
— Low-order byte of a 16-bit extended address.
mm
— 8-bit immediate mask value for bit manipulation instructions.
Set bits indicate bits to be affected.
pg
— Program page (bank) number used in CALL instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com