Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 68Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 69Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 70Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 71Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 72Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 73Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 74Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 75Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
72
Freescale Semiconductor
5.18 Table Interpolation Instructions
The table interpolation instructions (TBL and ETBL) interpolate values from
tables stored in memory. Any function that can be represented as a series
of linear equations can be represented by a table of appropriate size.
Interpolation can be used for many purposes, including tabular fuzzy logic
membership functions. TBL uses 8-bit table entries and returns an 8-bit
result; ETBL uses 16-bit table entries and returns a 16-bit result. Use of
indexed addressing mode provides great flexibility in structuring tables.
Consider each of the successive values stored in a table to be y-values for
the endpoint of a line segment. The value in the B accumulator before
instruction execution begins represents the change in x from the beginning
of the line segment to the lookup point divided by total change in x from the
beginning to the end of the line segment. B is treated as an 8-bit binary
fraction with radix point left of the MSB, so each line segment is effectively
divided into 256 smaller segments. During instruction execution, the change
in y between the beginning and end of the segment (a signed byte for TBL
or a signed word for ETBL) is multiplied by the content of the B accumulator
to obtain an intermediate delta-y term. The result (stored in the A
accumulator by TBL, and in the D accumulator by ETBL) is the y-value of
the beginning point plus the signed intermediate delta-y value. Table 5-16
shows the table interpolation instructions.
Table 5-16. Table Interpolation Instructions
Mnemonic
Function
Operation
ETBL
16-bit table lookup
and interpolate
(no indirect addressing
modes allowed)
(M
: M + 1) + [(B) × ((M + 2 : M + 3)
– (M
: M + 1))] ⇒ D
Initialize B, and index before ETBL.
<ea> points to the first table entry (M
: M + 1)
B is fractional part of lookup value
TBL
8-bit table lookup
and interpolate
(no indirect addressing
modes allowed)
(M)
+ [(B) × ((M + 1) – (M))] ⇒ A
Initialize B, and index before TBL.
<ea> points to the first 8-bit table entry (M)
B is fractional part of lookup value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com