Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 93Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 94Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 95Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 96Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 97Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 98Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 99Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 100Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
97
r — 8-bit data read. These cycles are stretched only when
controlled by a chip-select circuit programmed for
slow memory.
R — 16-bit data read. These cycles are extended to two
bus cycles if the MCU is operating with an 8-bit
external data bus and the corresponding data is
stored in external memory. There can be additional
stretching when the address space is assigned to a
chip-select circuit programmed for slow memory.
These cycles are also stretched if they correspond to
misaligned accesses to memory that is not designed
for single-cycle misaligned access.
s — Stack 8-bit data. These cycles are stretched only
when controlled by a chip-select circuit programmed
for slow memory.
S — Stack 16-bit data. These cycles are extended to two
bus cycles if the MCU is operating with an 8-bit
external data bus and the SP is pointing to external
memory. There can be additional stretching if the
address space is assigned to a chip-select circuit
programmed for slow memory. These cycles are also
stretched if they correspond to misaligned accesses
to a memory that is not designed for single cycle
misaligned access. The internal RAM is designed to
allow single cycle misaligned word access.
w — 8-bit data write. These cycles are stretched only when
controlled by a chip-select circuit programmed for
slow memory.
W — 16-bit data write. These cycles are extended to two
bus cycles if the MCU is operating with an 8-bit
external data bus and the corresponding data is
stored in external memory. There can be additional
stretching when the address space is assigned to a
chip-select circuit programmed for slow memory.
These cycles are also stretched if they correspond to
misaligned access to a memory that is not designed
for single-cycle misaligned access.
u — Unstack 8-bit data. These cycles are stretched only
when controlled by a chip-select circuit programmed
for slow memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com