Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12 Datasheet(PDF) 386 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 386 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 382Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 383Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 384Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 385Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 386Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 387Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 388Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 389Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 390Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
386
Freescale Semiconductor
ETBL oprx0_xysp
(M:M+1)+ [(B)
×((M+2:M+3) – (M:M+1))] ⇒ D
16-Bit Table Lookup and Interpolate
Initialize B, and index before ETBL.
<ea> points at first table entry (M:M+1)
and B is fractional part of lookup value
(no indirect addr. modes or extensions allowed)
IDX
18 3F xb
ORRffffffP
ORRffffffP
– – – –
∆ ∆ – ∆
?
C Bit is undefined
in HC12
EXG abcdxys,abcdxys
(r1)
⇔ (r2) (if r1 and r2 same size) or
$00:(r1)
⇒ r2 (if r1=8-bit; r2=16-bit) or
(r1low) ⇔ (r2) (if r1=16-bit; r2=8-bit)
r1 and r2 may be
A, B, CCR, D, X, Y, or SP
INH
B7 eb
PP
– – – –
– – – –
FDIV
(D)
÷ (X) ⇒ X; Remainder ⇒ D
16 by 16 Bit Fractional Divide
INH
18 11
OffffffffffO
OffffffffffO
– – – –
–
∆ ∆ ∆
IBEQ abdxys, rel9
(cntr) + 1
⇒ cntr
If (cntr) = 0, then Branch
else Continue to next instruction
Increment Counter and Branch if = 0
(cntr = A, B, D, X, Y, or SP)
REL
(9-bit)
04 lb rr
PPP (branch)
PPO (no
branch)
PPP
– – – –
– – – –
IBNE abdxys, rel9
(cntr) + 1
⇒ cntr
if (cntr) not = 0, then Branch;
else Continue to next instruction
Increment Counter and Branch if
≠ 0
(cntr = A, B, D, X, Y, or SP)
REL
(9-bit)
04 lb rr
PPP (branch)
PPO (no
branch)
PPP
– – – –
– – – –
IDIV
(D)
÷ (X) ⇒ X; Remainder ⇒ D
16 by 16 Bit Integer Divide (unsigned)
INH
18 10
OffffffffffO
OffffffffffO
– – – –
–
∆ 0 ∆
IDIVS
(D)
÷ (X) ⇒ X; Remainder ⇒ D
16 by 16 Bit Integer Divide (signed)
INH
18 15
OffffffffffO
OffffffffffO
– – – –
∆ ∆ ∆ ∆
INC opr16a
INC oprx0_xysp
INC oprx9,xysp
INC oprx16,xysp
INC [D,xysp]
INC [oprx16,xysp]
INCA
INCB
(M) + $01
⇒ M
Increment Memory Byte
(A) + $01
⇒ A
Increment Acc. A
(B) + $01
⇒ B
Increment Acc. B
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
INH
INH
72 hh ll
62 xb
62 xb ff
62 xb ee ff
62 xb
62 xb ee ff
42
52
rPwO
rPw
rPwO
frPwP
fIfrPw
fIPrPw
O
O
rOPw
rPw
rPOw
frPPw
fIfrPw
fIPrPw
O
O
– – – –
∆ ∆ ∆ –
INS
(SP) + $0001
⇒ SP
Translates to LEAS 1,SP
IDX
1B 81
Pf
PP
1
– – – –
– – – –
INX
(X) + $0001
⇒ X
Increment Index Register X
INH
08
OO
– – – –
–
∆ – –
INY
(Y) + $0001
⇒ Y
Increment Index Register Y
INH
02
OO
– – – –
–
∆ – –
JMP opr16a
JMP oprx0_xysp
JMP oprx9,xysp
JMP oprx16,xysp
JMP [D,xysp]
JMP [oprx16,xysp]
Routine address
⇒ PC
Jump
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
06 hh ll
05 xb
05 xb ff
05 xb ee ff
05 xb
05 xb ee ff
PPP
PPP
PPP
fPPP
fIfPPP
fIfPPP
PPP
PPP
PPP
fPPP
fIfPPP
fIfPPP
– – – –
– – – –
Note 1. Due to internal CPU requirements, the program word fetch is performed twice to the same address during this instruction.
JSR opr8a
JSR opr16a
JSR oprx0_xysp
JSR oprx9,xysp
JSR oprx16,xysp
JSR [D,xysp]
JSR [oprx16,xysp]
(SP) – 2
⇒ SP;
RTNH:RTNL ⇒ M(SP):M(SP+1);
Subroutine address
⇒ PC
Jump to Subroutine
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
17 dd
16 hh ll
15 xb
15 xb ff
15 xb ee ff
15 xb
15 xb ee ff
SPPP
SPPP
PPPS
PPPS
fPPPS
fIfPPPS
fIfPPPS
PPPS
PPPS
PPPS
PPPS
fPPPS
fIfPPPS
fIfPPPS
– – – –
– – – –
LBCC rel16
Long Branch if Carry Clear (if C = 0)
REL
18 24 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBCS rel16
Long Branch if Carry Set (if C = 1)
REL
18 25 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBEQ rel16
Long Branch if Equal (if Z = 1)
REL
18 27 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBGE rel16
Long Branch Greater Than or Equal
(if N
⊕ V = 0) (signed)
REL
18 2C qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
Table A-1. Instruction Set Summary (Sheet 6 of 14)
Source Form
Operation
Addr.
Mode
Machine
Coding (hex)
Access Detail
S X H I
N Z V C
HCS12
M68HC12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com