Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12 Datasheet(PDF) 421 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 421 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 417Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 418Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 419Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 420Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 421Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 422Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 423Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 424Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 425Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
421
SP. The branch range is a 9-bit signed value (–512 to +511) which gives
these instructions twice the range of a short branch instruction.
B.8.4 Long Branches
All of the branch instructions from the M68HC11 are also available with
16-bit offsets which allows them to reach any location in the 64-Kbyte
address space.
B.8.5 Minimum and Maximum Instructions
Control programs often need to restrict data values within upper and lower
limits. The CPU12 facilitates this function with 8- and 16-bit versions of MIN
and MAX instructions. Each of these instructions has a version that stores
the result in either the accumulator or in memory.
For example, in a fuzzy logic inference program, rule evaluation consists of
a series of MIN and MAX operations. The min operation is used to
determine the smallest rule input (the running result is held in an
accumulator), and the max operation is used to store the largest rule truth
value (in an accumulator) or the previous fuzzy output value (in a RAM
location) to the fuzzy output in RAM. The following code demonstrates how
MIN and MAX instructions can be used to evaluate a rule with four inputs
and two outputs.
LDY
#OUT1
;Point at first output
LDX
#IN1
;Point at first input value
LDAA
#$FF
;start with largest 8-bit number in A
MINA
1,X+
;A=MIN(A,IN1)
MINA
1,X+
;A=MIN(A,IN2)
MINA
1,X+
;A=MIN(A,IN3)
MINA
1,X+
;A=MIN(A,IN4) so A holds smallest input
MAXM
1,Y+
;OUT1=MAX(A,OUT1) and A is unchanged
MAXM
1,Y+
;OUT1=MAX(A,OUT2) A still has min input
Before this sequence is executed, the fuzzy outputs must be cleared to
zeros (not shown). M68HC11 MIN or MAX operations are performed by
executing a compare followed by a conditional branch around a load or store
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com