Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12 Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 106Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 107Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 108Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 109Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 110Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 111Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 112Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 113Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
110
Freescale Semiconductor
Operation:
(CCR)
• (Mask) ⇒ CCR
Description:
Performs bitwise logical AND between the content of a mask operand and
the content of the CCR. The result is placed in the CCR. After the operation
is performed, each bit of the CCR is the result of a logical AND with the
corresponding bits of the mask. To clear CCR bits, clear the corresponding
mask bits. CCR bits that correspond to ones in the mask are not changed
by the ANDCC operation.
If the I mask bit is cleared, there is a 1-cycle delay before the system allows
interrupt requests. This prevents interrupts from occurring between
instructions in the sequences CLI, WAI and CLI, STOP (CLI is equivalent to
ANDCC #$EF).
Condition code bits are cleared if the corresponding bit was 0 before the
operation or if the corresponding bit in the mask is 0.
ANDCC
Logical AND CCR with Mask
ANDCC
CCR Details:
S
X
HIN
Z
V
C
⇓⇓⇓⇓⇓⇓⇓⇓
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
ANDCC #opr8i
IMM
10 ii
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com