Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F610-E/ST Datasheet(PDF) 170 Page - Microchip Technology

Part # PIC16F610-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/ST Datasheet(HTML) 170 Page - Microchip Technology

Back Button PIC16F610-E/ST Datasheet HTML 166Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 167Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 168Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 169Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 170Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 171Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 172Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 173Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 170
© 2009 Microchip Technology Inc.
TABLE 15-15: DC CHARACTERISTICS FOR IPD SPECIFICATIONS FOR PIC16F616 – H (High Temp.)
TABLE 15-16: WATCHDOG TIMER SPECIFICATIONS FOR PIC16F616 – H (High Temp.)
TABLE 15-17: LEAKAGE CURRENT SPECIFICATIONS FOR PIC16F616 – H (High Temp.)
Param
No.
Device
Characteristics
Units
Min
Typ
Max
Condition
VDD
Note
D020E
Power Down IPD
μA
—
0.05
12
2.0
IPD Base
—
0.15
13
3.0
—
0.35
14
5.0
D021E
μA
—0.5
20
2.0
WDT Current
—2.5
25
3.0
—9.5
36
5.0
D022E
μA
—5.0
28
3.0
BOR Current
—6.0
36
5.0
D023E
μA
—105
195
2.0
IPD Current (Both
Comparators Enabled)
—
110
210
3.0
—
116
220
5.0
μA
—
50
105
2.0
IPD Current (One Comparator
Enabled)
—55
110
3.0
—
60
125
5.0
D024E
μA
—30
58
2.0
IPD (CVREF, High Range)
—45
85
3.0
—
75
142
5.0
D025E
μA
—39
76
2.0
IPD (CVREF, Low Range)
—59
114
3.0
—
98
190
5.0
D026E
μA
—5.5
30
2.0
IPD (T1 OSC, 32 kHz)
—7.0
35
3.0
—8.5
45
5.0
D027E
μA
—0.2
12
3.0
IPD (A2D on, not converting)
—0.3
15
5.0
Param
No.
Sym
Characteristic
Units
Min
Typ
Max
Conditions
31
TWDT
Watchdog Timer Time-out Period
(No Prescaler)
ms
6
20
70
150°C Temperature
Param
No.
Sym
Characteristic
Units
Min
Typ
Max
Conditions
D061
IIL
Input Leakage Current(1)
(GP3/RA3/MCLR)
µA
—
±0.5
±5.0
VSS
≤ VPIN ≤ VDD
D062
IIL
Input Leakage Current(2)
(GP3/RA3/MCLR)
µA
50
250
400
VDD = 5.0V
Note 1:
This specification applies when GP3/RA3/MCLR is configured as an input with the pull-up disabled. The
leakage current for the GP3/RA3/MCLR pin is higher than for the standard I/O port pins.
2:
This specification applies when GP3/RA3/MCLR is configured as the MCLR Reset pin function with the
weak pull-up enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com