Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F610-E/ST Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC16F610-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/ST Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC16F610-E/ST Datasheet HTML 170Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 171Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 172Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 173Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 174Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 175Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 176Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 177Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 174
© 2009 Microchip Technology Inc.
FIGURE 16-3:
PIC16F610/616 IDD EC (4 MHz) vs. VDD
FIGURE 16-4:
PIC16F610/616 IDD XT (1 MHz) vs. VDD
FIGURE 16-5:
PIC16F610/616 IDD XT (4 MHz) vs. VDD
0
200
400
600
800
1000
1200
Typical
VDD (V)
Maximum
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)
13
5
4
2
6
0
200
400
600
800
1000
1200
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)
13
5
4
2
6
Typical
Maximum
VDD (V)
0
200
400
600
800
1000
1200
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)
13
5
4
2
6
Typical
Maximum
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com