Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F610-E/ST Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC16F610-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/ST Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC16F610-E/ST Datasheet HTML 167Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 168Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 169Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 170Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 171Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 172Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 173Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 174Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 171
PIC16F610/616/16HV610/616
TABLE 15-18: OSCILLATOR PARAMETERS FOR PIC16F616 – H (High Temp.)
TABLE 15-19: COMPARATOR SPECIFICATIONS FOR PIC16F616 – H (High Temp.)
Param
No.
Sym
Characteristic
Frequency
Tolerance
Units
Min
Typ
Max
Conditions
OS08
INTOSC Int. Calibrated INTOSC
Freq.(1)
±10%
MHz
7.2
8.0
8.8
2.0V
≤ VDD ≤ 5.5V
-40°C
≤ TA ≤ 150°C
Note 1:
To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to
the device as possible. 0.1 µF and 0.01 µF values in parallel are recommended.
Param
No.
Sym
Characteristic
Units
Min
Typ
Max
Conditions
CM01
VOS
Input Offset Voltage
mV
—
±5
±20
(VDD - 1.5)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com