Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AMDCKREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AMDCKREP
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AMDCKREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA333AMDCKREP Datasheet HTML 6Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 7Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 8Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 9Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 10Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 11Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 12Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 13Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
+
+
+
− −
4.096V
0.1
µF
+5V
Zero Adj.
K−Type
Thermocouple
40.7
µV/_C
R
2
549
Ω
R
9
150k
Ω
R
5
31.6k
Ω
R
1
6.04k
Ω
R
6
200
Ω
+5V
0.1
µF
R
2
2.94k
Ω
V
O
R
3
60.4
Ω
R
4
6.04k
Ω
O PA333A
D1
REF3140
R
1
V
EX
V
OUT
V
REF
R
1
OPA333A
R
R
R R
+5V
OPA333A-EP
,, OPA2333A-EP
SGLS383B – APRIL 2007 – REVISED JUNE 2008 ............................................................................................................................................................ www.ti.com
Figure 3. Temperature Measurement
Figure 4 shows the basic configuration for a bridge amplifier.
Figure 4. Single Op-Amp Bridge Amplifier
A low-side current shunt monitor is shown in Figure 5. RN are operational resistors used to isolate the ADS1100
from the noise of the digital I2C bus. Since the ADS1100 is a 16-bit converter, a precise reference is essential for
maximum accuracy. If absolute accuracy is not required, and the 5-V power supply is sufficiently stable, the
REF3130 may be omitted.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA333A-EP OPA2333A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com