| Electronic Components Datasheet Search |
|
OPA333AMDCKREP Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OPA333AMDCKREP Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 19 page ![]() DESCRIPTION/ORDERING INFORMATION 1 2 3 5 4 V+ −IN OUT V − +IN OPA333A 1 2 3 5 4 V+ OUT +IN V − −IN OPA333A 1 2 3 4 8 7 6 5 V+ OUT B −IN B +IN B OUT A −IN A +IN A V − A B OPA2333A SOT23-5 SC70-5 SO-8 Absolute Maximum Ratings (1) OPA333A-EP ,, OPA2333A-EP SGLS383B – APRIL 2007 – REVISED JUNE 2008 ............................................................................................................................................................ www.ti.com The OPA333A series of CMOS operational amplifiers uses a proprietary auto-calibration technique to simultaneously provide very low offset voltage (10 µV max) and near-zero drift over time and temperature. These miniature, high-precision, low-quiescent-current amplifiers offer high-impedance inputs that have a common-mode range 100 mV beyond the rails, and rail-to-rail output that swings within 50 mV of the rails. Single or dual supplies as low as 1.8 V (±0.9 V) and up to 5.5 V (±2.75 V) may be used. They are optimized for low-voltage single-supply operation. The OPA333A family offers excellent common-mode rejection ratio (CMRR) without the crossover associated with traditional complementary input stages. This design results in superior performance for driving analog-to-digital converters (ADCs) without degradation of differential linearity. The OPA333A (single version) is available in the SC70-5 and SOT23-5 packages. The OPA2333A (dual version) is offered in the SO-8 package. All versions are specified for operation from –55°C to 125°C. ORDERING INFORMATION(1) PRODUCT PACKAGE-LEAD PACKAGE DESIGNATOR PACKAGE MARKING(2) OPA333AMDBVREP SOT23-5 DBV OBYM OPA333AMDCKREP SC70-5 DCK CHQ OPA2333AMDREP SO-8 D 2333EP (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI Web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. PIN CONFIGURATIONS over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Supply voltage 7 V Signal input terminals, voltage(2) –0.3 (V+) + 0.3 V Output short circuit(3) Continuous Operating temperature range –55 125 °C Storage temperature range –65 150(4) °C Junction temperature 150 °C Human-Body Model (HBM) 4000 ESD rating V Charged-Device Model (CDM) 1000 (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Input terminals are diode clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the supply rails should be current limited to 10 mA or less. (3) Short circuit to ground, one amplifier per package (4) Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging. 2 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): OPA333A-EP OPA2333A-EP |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |