Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3840WMTRPbF Datasheet(PDF) 25 Page - International Rectifier

Part # IR3840WMTRPbF
Description  HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3840WMTRPbF Datasheet(HTML) 25 Page - International Rectifier

Back Button IR3840WMTRPbF Datasheet HTML 21Page - International Rectifier IR3840WMTRPbF Datasheet HTML 22Page - International Rectifier IR3840WMTRPbF Datasheet HTML 23Page - International Rectifier IR3840WMTRPbF Datasheet HTML 24Page - International Rectifier IR3840WMTRPbF Datasheet HTML 25Page - International Rectifier IR3840WMTRPbF Datasheet HTML 26Page - International Rectifier IR3840WMTRPbF Datasheet HTML 27Page - International Rectifier IR3840WMTRPbF Datasheet HTML 28Page - International Rectifier IR3840WMTRPbF Datasheet HTML 29Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Rev 9.0
IR3840WMPbF
25
TYPICAL OPERATING WAVEFORMS
Vin=12.0V, Vcc=5V, Vo=1.8V, Io=0-12A, Room Temperature, No Air Flow
Fig. 20: Output Voltage Ripple, 12A
load Ch
2: Vout
Fig. 22: Short (Hiccup) Recovery
Ch
1:Vout , Ch3:Vss
Fig. 18: Start up at 12A Load,
Ch
1:Vin, Ch2:Vo, Ch3:Vss, Ch4:VPGood
Fig. 17: Start up at 12A Load
Ch
1:Vin, Ch2:Vo, Ch3:Vss, Ch4:Enable
Fig. 19: Start up with 1.62V Pre
Bias, 0A Load, Ch
2:Vo, Ch3:VSS
Fig. 21: Inductor node at 12A load
Ch
2:LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com