Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3840WMTRPbF Datasheet(PDF) 28 Page - International Rectifier

Part # IR3840WMTRPbF
Description  HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3840WMTRPbF Datasheet(HTML) 28 Page - International Rectifier

Back Button IR3840WMTRPbF Datasheet HTML 24Page - International Rectifier IR3840WMTRPbF Datasheet HTML 25Page - International Rectifier IR3840WMTRPbF Datasheet HTML 26Page - International Rectifier IR3840WMTRPbF Datasheet HTML 27Page - International Rectifier IR3840WMTRPbF Datasheet HTML 28Page - International Rectifier IR3840WMTRPbF Datasheet HTML 29Page - International Rectifier IR3840WMTRPbF Datasheet HTML 30Page - International Rectifier IR3840WMTRPbF Datasheet HTML 31Page - International Rectifier IR3840WMTRPbF Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Rev 9.0
IR3840WMPbF
28
Simultaneous Tracking at Power Up and Power Down
Vin=12V, Vo=1.8V, Io=12A, Room Temperature, No Air Flow
Fig. 25: Simultaneous Tracking a 3.3V input at power-up and shut-down
Ch2: SS (1.8V) Ch3:Vo Ch4: SEQ
Fb
IR3624
VOUT
R9
R8
IR3840W
3.3V
Rs2
R s1
Seq
3.92K
3.92K
2.49K
2.49K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com