Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025MDTEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025MDTEP
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5025MDTEP Datasheet(HTML) 4 Page - Texas Instruments

  REF5025MDTEP Datasheet HTML 1Page - Texas Instruments REF5025MDTEP Datasheet HTML 2Page - Texas Instruments REF5025MDTEP Datasheet HTML 3Page - Texas Instruments REF5025MDTEP Datasheet HTML 4Page - Texas Instruments REF5025MDTEP Datasheet HTML 5Page - Texas Instruments REF5025MDTEP Datasheet HTML 6Page - Texas Instruments REF5025MDTEP Datasheet HTML 7Page - Texas Instruments REF5025MDTEP Datasheet HTML 8Page - Texas Instruments REF5025MDTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REF5020-EP, REF5025-EP
REF5040-EP, REF5050-EP
SBOS471A – APRIL 2010 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: ALL DEVICES
Boldface limits apply over the specified temperature range, TA = –55°C to 125°C.
At TA = 25°C, ILOAD = 0, CL = 1 mF, and VIN = (VOUT + 0.2 V) to 18 V, unless otherwise noted.
REF50xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE TEMPERATURE DRIFT
Output Voltage Temperature
dVOUT/dT
Drift
REF5025
4
6.5
ppm/°C
REF5050
4
6.5
ppm/°C
All other devices
3
5
ppm/°C
LINE REGULATION
Line Regulation
dVOUT/dVIN
REF5020(1)
VIN = 2.7 V to 18V
0.1
1
ppm/V
All other devices
VIN = VOUT + 0.2 V
0.1
1
ppm/V
Over Temperature
1
3
ppm/V
LOAD REGULATION
Load Regulation
dVOUT/dILOAD
REF5020
–10 mA < ILOAD < +10 mA, VIN = 3 V
20
30
ppm/mA
All other devices
–10 mA < ILOAD < +10 mA, VIN = VOUT + 0.75 V
20
30
ppm/mA
Over Temperature
60
ppm/mA
SHORT-CIRCUIT CURRENT
Short-Circuit Current
ISC
VOUT = 0
25
mA
TEMP PIN
Voltage Output
At TA = 25°C
575
mV
Temperature Sensitivity
2.64
mV/°C
TURN-ON SETTLING TIME
Turn-On Settling Time
To 0.1% with CL = 1 mF
200
ms
POWER SUPPLY
Supply Voltage
VS
See Note (1)
VOUT + 0.2
(1)
18
V
Quiescent Current
0.8
1
mA
Over Temperature
1.25
mA
TEMPERATURE RANGE
Specified Range
–55
125
°C
Operating Range
–55
125
°C
Thermal Resistance
qJA
150
°C/W
(1)
For VOUT ≤ 2.5 V, the minimal supply voltage is 2.7 V.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): REF5020-EP REF5025-EP REF5040-EP REF5050-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com