Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025MDTEP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025MDTEP
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5025MDTEP Datasheet(HTML) 2 Page - Texas Instruments

  REF5025MDTEP Datasheet HTML 1Page - Texas Instruments REF5025MDTEP Datasheet HTML 2Page - Texas Instruments REF5025MDTEP Datasheet HTML 3Page - Texas Instruments REF5025MDTEP Datasheet HTML 4Page - Texas Instruments REF5025MDTEP Datasheet HTML 5Page - Texas Instruments REF5025MDTEP Datasheet HTML 6Page - Texas Instruments REF5025MDTEP Datasheet HTML 7Page - Texas Instruments REF5025MDTEP Datasheet HTML 8Page - Texas Instruments REF5025MDTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REF5020-EP, REF5025-EP
REF5040-EP, REF5050-EP
SBOS471A – APRIL 2010 – REVISED JUNE 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
OUTPUT VOLTAGE
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
REF5020MDREP
2.048 V
SOIC-D
REF5020MDREP
5020EP
REF5025MDTEP
2.5 V
SOIC-D
REF5025MDTEP
5025EP
REF5040MDREP
4.096 V
SOIC-D
REF5040MDREP
5040EP
REF5050MDREP
5 V
SOIC-D
REF5050MDREP
5050EP
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER
REF50xx
UNIT
Input Voltage
18
V
Output Short-Circuit
30
mA
Operating Temperature Range
–55 to 125
°C
Storage Temperature Range
–65 to 150
°C
Junction Temperature (TJ max)
150
°C
Human Body Model (HBM)
3000
V
ESD Rating
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): REF5020-EP REF5025-EP REF5040-EP REF5050-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com