Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC690 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC690
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690 Datasheet(HTML) 2 Page - Linear Technology

  LTC690 Datasheet HTML 1Page - Linear Technology LTC690 Datasheet HTML 2Page - Linear Technology LTC690 Datasheet HTML 3Page - Linear Technology LTC690 Datasheet HTML 4Page - Linear Technology LTC690 Datasheet HTML 5Page - Linear Technology LTC690 Datasheet HTML 6Page - Linear Technology LTC690 Datasheet HTML 7Page - Linear Technology LTC690 Datasheet HTML 8Page - Linear Technology LTC690 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
2
690fe
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage
VCC ..................................................... – 0.3V to 6.0V
VBATT.................................................. –0.3V to 6.0V
All Other Inputs ....................– 0.3V to (VOUT + 0.3V)
Input Current
VCC ................................................................200mA
VBATT...............................................................50mA
GND.................................................................20mA
(Notes 1 and 2)
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PDIP
9
16
15
14
13
12
11
10
VCC
VOUT
VBATT
GND
BATT ON
OSC IN
LOW⎯LINE
OSC SEL
WDO
CE IN
RESET
RESET
CE OUT
WDI
PFI
PFO
TJMAX = 110°C, θJA = 130°C/W
TOP VIEW
SW PACKAGE
16-LEAD WIDE PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VBATT
VOUT
VCC
GND
BATT ON
LOW⎯LINE
OSC IN
OSC SEL
RESET
RESET
WDO
CE IN
CE OUT
WDI
PFO
PFI
TJMAX = 110°C, θJA = 130°C/W CONDITIONS: PCB MOUNT ON
FR4 MATERIAL, STILL AIR AT 25°C, COPPER TRACE
1
2
3
45
6
7
8
TOP VIEW
VCC
VOUT
PFI
GND
WDI
VBATT
PFO
RESET
N8 PACKAGE
8-LEAD PDIP
TJMAX = 110°C, θJA = 130°C/W (N8)
1
2
3
4
5
6
7
8
TOP VIEW
VBATT
VCC
VOUT
PFO
PFI
GND
S8 PACKAGE
8-LEAD PLASTIC SO
WDI
RESET
TJMAX = 110°C, θJA = 180°C/W CONDITIONS; PCB MOUNT ON
FR4 MATERIAL, STILL AIR AT 25°C, COPPER TRACE
VOUT Output Current ...................Short-Circuit Protected
Power Dissipation ...............................................500mW
Operating Temperature Range
LTC690/91/94/95C ............................... 0°C to 70°C
LTC690/91/94/95I ............................– 40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com