Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC690 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC690
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690 Datasheet(HTML) 3 Page - Linear Technology

  LTC690 Datasheet HTML 1Page - Linear Technology LTC690 Datasheet HTML 2Page - Linear Technology LTC690 Datasheet HTML 3Page - Linear Technology LTC690 Datasheet HTML 4Page - Linear Technology LTC690 Datasheet HTML 5Page - Linear Technology LTC690 Datasheet HTML 6Page - Linear Technology LTC690 Datasheet HTML 7Page - Linear Technology LTC690 Datasheet HTML 8Page - Linear Technology LTC690 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
3
690fe
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC691CN#PBF
LTC691CN#PBF
LTC691CN
16-Lead PDIP
0°C to 70°C
LTC691IN#PBF
LTC691IN#PBF
LTC691IN
16-Lead PDIP
–40°C to 85°C
LTC695CN#PBF
LTC695CN#PBF
LTC695CN
16-Lead PDIP
0°C to 70°C
LTC695IN#PBF
LTC695IN#PBF
LTC695IN
16-Lead PDIP
–40°C to 85°C
LTC691CSW#PBF
LTC691CSW#PBF
LTC691CSW
16-Lead Wide Plastic SO
0°C to 70°C
LTC691ISW#PBF
LTC691ISW#PBF
LTC691ISW
16-Lead Wide Plastic SO
–40°C to 85°C
LTC695CSW#PBF
LTC695CSW#PBF
LTC695CSW
16-Lead Wide Plastic SO
0°C to 70°C
LTC695ISW#PBF
LTC695ISW#PBF
LTC695ISW
16-Lead Wide Plastic SO
–40°C to 85°C
LTC690CN8#PBF
LTC690CN8#PBF
LTC690CN8
8-Lead PDIP
0°C to 70°C
LTC690IN8#PBF
LTC690IN8#PBF
LTC690IN8
8-Lead PDIP
–40°C to 85°C
LTC694CN8#PBF
LTC694CN8#PBF
LTC694CN8
8-Lead PDIP
0°C to 70°C
LTC694IN8#PBF
LTC694IN8#PBF
LTC694IN8
8-Lead PDIP
–40°C to 85°C
LTC690CS8#PBF
LTC690CS8#PBF
LTC690CS8
8-Lead Plastic SO
0°C to 70°C
LTC690IS8#PBF
LTC690IS8#PBF
LTC690IS8
8-Lead Plastic SO
–40°C to 85°C
LTC694CS8#PBF
LTC694CS8#PBF
LTC694CS8
8-Lead Plastic SO
0°C to 70°C
LTC694IS8#PBF
LTC694IS8#PBF
LTC694IS8
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PRODUCT SELECTION GUIDE
PINS
RESET
WATCHDOG
TIMER
BATTERY
BACK-UP
POWER-FAIL
WARNING
RAM WRITE
PROTECT
PUSHBUTTON
RESET
CONDITIONAL
BATTERY
BACK-UP
LTC690
8
XXXX
LTC691
16
XXXXX
LTC694
8
XXXX
LTC695
16
XXXXX
LTC699
8
X
X
LTC1232
8
X
X
X
LTC1235
16
XXXXXX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com