Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1175CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1175CS8
Description  500mA Negative Low Dropout Micropower Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1175CS8 Datasheet HTML 1Page - Linear Technology LT1175CS8 Datasheet HTML 2Page - Linear Technology LT1175CS8 Datasheet HTML 3Page - Linear Technology LT1175CS8 Datasheet HTML 4Page - Linear Technology LT1175CS8 Datasheet HTML 5Page - Linear Technology LT1175CS8 Datasheet HTML 6Page - Linear Technology LT1175CS8 Datasheet HTML 7Page - Linear Technology LT1175CS8 Datasheet HTML 8Page - Linear Technology LT1175CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT1175

1175fe
Typical applicaTion
FeaTures
DescripTion
500mA Negative
Low Dropout Micropower
Regulator
The LT®1175 is a negative micropower low dropout
regulator. It features 45µA quiescent current, dropping
to 10µA in shutdown. A new reference amplifier topology
gives precision DC characteristics along with the ability to
maintain good loop stability with an extremely wide range
of output capacitors. Very low dropout voltage and high
efficiency are obtained with a unique power transistor
anti-saturation design. Adjustable and fixed 5V versions
are available.
Several new features make the LT1175 very user-friendly.
The SHDN pin can interface directly to either positive or
negative logic levels. Current limit is user-selectable at
200mA, 400mA, 600mA and 800mA. The output can be
forced to reverse voltage without damage or latchup. Un-
likesomeearlierdesigns,theincreaseinquiescentcurrent
during a dropout condition is actively limited.
The LT1175 has complete blowout protection with current
limiting, power limiting and thermal shutdown. Special
attention was given to the problem of high temperature
operation with micropower operating currents, preventing
output voltage rise under no-load conditions. The LT1175
is available in 8-pin PDIP and SO packages, 3-lead SOT-
223 as well as 5-pin surface mount DD and through-hole
TO-220 packages. The 8-pin SO package is specially
constructed for low thermal resistance.
Typical LT1175 Connection
applicaTions
n
Operating Current: 45µA
n
Adjustable Current Limit
n
Low Voltage Linear Dropout Characteristics
n
Stable with Wide Range of Output Capacitors
n
Shutdown Current: 10µA
n
Positive or Negative Shutdown Logic
n
Fixed 5V and Adjustable Versions
n
Tolerates Reverse Output Voltage
n
Available in 8-pin PDIP and SO Packages, 3-lead
SOT-223, 5-Pin Surface Mount DD and Through-Hole
TO-220 Packages
n
Analog Systems
n
Modems
n
Instrumentation
n
A/D and D/A Converters
n
Interface Drivers
n
Battery-Powered Systems
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Minimum Input-to-Output Voltage
CIN*
*CIN IS NEEDED ONLY IF REGULATOR IS MORE THAN 6" FROM
INPUT SUPPLY CAPACITOR. SEE APPLICATIONS INFORMATION
SECTION FOR DETAILS
COUT
≥ 0.1µF
–5V
UP TO 500mA
–VIN
SHDN
GND
LT1175-5
SENSE
OUTPUT
1175 TA01
ILIM4
ILIM2
VIN
+
+
OUTPUT CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.5
1175 TA02
0.1
0.3
0.6
0.7
TJ = 25°C
ILIM2, ILIM4 TIED TO VIN


Similar Part No. - LT1175CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175CS8 LINER-LT1175CS8 Datasheet
120Kb / 12P
500mA Negative Low Dropout Micropower Regulator
LT1175CS8 LINER-LT1175CS8 Datasheet
291Kb / 16P
500mA Negative Low Dropout Micropower Regulator
LT1175CS8-5 LINER-LT1175CS8-5 Datasheet
120Kb / 12P
500mA Negative Low Dropout Micropower Regulator
LT1175CS8-5 LINER-LT1175CS8-5 Datasheet
291Kb / 16P
500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
500mA Negative Low Dropout Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
200mA, Low Noise,Low Dropout Negative Micropower Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
Low Dropout Negative Micropower Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com