Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1175CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1175CS8
Description  500mA Negative Low Dropout Micropower Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1175CS8 Datasheet HTML 9Page - Linear Technology LT1175CS8 Datasheet HTML 10Page - Linear Technology LT1175CS8 Datasheet HTML 11Page - Linear Technology LT1175CS8 Datasheet HTML 12Page - Linear Technology LT1175CS8 Datasheet HTML 13Page - Linear Technology LT1175CS8 Datasheet HTML 14Page - Linear Technology LT1175CS8 Datasheet HTML 15Page - Linear Technology LT1175CS8 Datasheet HTML 16Page - Linear Technology LT1175CS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT1175

1175fe
To estimate regulator output ripple under different
conditions, the following general comments should be
helpful:
1. Output ripple at high frequency is only weakly affected
by load current or output capacitor size for medium
to heavy loads. At very light loads (<10mA), higher
frequency ripple may be reduced by using larger output
capacitors.
2. Afeedforwardcapacitoracrosstheresistordividerused
with the adjustable part is effective in reducing ripple
only for output voltages greater than 5V and only for
frequencies less than 100kHz.
3. Input-to-output voltage differential has little effect on
ripple rejection until the regulator actually enters a
dropout condition of 0.2V to 0.6V.
If ripple rejection needs to be improved, an input filter can
be added. This filter can be a simple RC filter using a 1Ω
to 10Ω resistor. A 3.3Ω resistor for instance, combined
with a 0.3Ω ESR solid tantalum capacitor, will give an ad-
ditional 20dB ripple rejection. The size of the resistor will
be dictated by maximum load current. If the maximum
voltage drop allowable across the resistor is “VR,” and
maximum load current is ILOAD, R = VR/ILOAD. At light
loads, larger resistors and smaller capacitors can be used
to save space. At heavier loads an inductor may have to
be used in place of the resistor. The value of the inductor
can be calculated from:
L
ESR
f
FIL
rr
=
( )
(
)
2
10 20
π
/
ESR = Effective series resistance of filter capacitor. This
assumesthatthecapacitivereactanceissmallcom-
pared to ESR, a reasonable assumption for solid
tantalum capacitors above 2.2µF and 50kHz.
f
= Ripple frequency
rr = Ripple rejection ratio of filter in dB
Example: ESR = 1.2Ω, f = 100kHz, rr = –25dB.
L
H
FIL =
=
−
1 2
6 3 10
10
34
5
25 20
.
.
/
µ
Solid tantalum capacitors are suggested for the filter to
keep filter Q fairly low. This prevents unwanted ringing at
theresonantfrequencyofthefilterandoscillationproblems
with the filter/regulator combination.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com