Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP402SC Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # SMP402SC
Description  20-72 VDC Input Non-isolated DC Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP402SC Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button SMP402SC Datasheet HTML 2Page - Power Integrations, Inc. SMP402SC Datasheet HTML 3Page - Power Integrations, Inc. SMP402SC Datasheet HTML 4Page - Power Integrations, Inc. SMP402SC Datasheet HTML 5Page - Power Integrations, Inc. SMP402SC Datasheet HTML 6Page - Power Integrations, Inc. SMP402SC Datasheet HTML 7Page - Power Integrations, Inc. SMP402SC Datasheet HTML 8Page - Power Integrations, Inc. SMP402SC Datasheet HTML 9Page - Power Integrations, Inc. SMP402SC Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SMP402
D
1/96
6
Figure 6. Schematic Diagram of a Non-isolated 5 V, 1 W ISDN Regulator Circuit Utilizing the SMP402.
The 5 V output voltage is directly sensed
and accurately regulated by an internal
error amplifier.
The error amplifier
generates an error signal which directly
controls the duty cycle of the integrated
high-voltage P-channel MOSFET
switch. The effective output voltage can
be fine-tuned by adjusting the resistor
divider formed by R5 and R6.
Other
output voltages are possible (up to
approximately half the input voltage) by
changing the value of L1 as well as the
resistor divider.
Polarity of the DC input voltage can be
either positive or negative. D1, D2, D3,
and D4 “rectify” the DC input voltage to
provide a positive polarity input voltage
for the converter. C1 provides input
voltage filtering. The SMP402 contains
the integrated controller and high-voltage
P-channel MOSFET which, together
with D6, generates a pulse width
modulated switching AC voltage
waveform. L1 and C2 filter the AC
voltage to create the 5 V output. C6
filters high-frequency noise currents. R5
and R6 sense and divide the 5 V output
voltage for comparison with the internal
The Buck DC-to-DC converter shown
in Figure 6 produces a single non-isolated
5 V, 1 W power supply.
The high-
voltage P-channel MOSFET transistor
in the SMP402 is turned on and off at the
switching frequency. The ratio of ON-
time to the switching period is defined as
the duty cycle. The duty cycle changes
with input voltage to maintain a constant
average value of the switching
waveform. The switching waveform is
filtered by inductor L1 and capacitor C2
to produce the 5 V output. During the
MOSFET ON-time, the switch current
and inductor current ramp up at a linear
rate. During the P channel MOSFET
switch off time, the voltage across L1
reverses, forward biasing D6. Inductor
and diode current then ramp down
linearly until the MOSFET turns on
again.
During normal operation,
inductor current ramps up and down
around the average value (I
OUT), which is
actually the DC load current.
bandgap reference voltage. C4 and R4
provide control loop compensation
feedback around the internal error
amplifier. C3 bypasses the onboard V
S
regulator.
C11 sets the switching
frequency. R3 is fixed to set internal
currents accurately.
C5 bypasses an
internally-generated, level-shifted bias
source of approximately 10 V, which is
referenced to the positive side of the
effective input voltage. This floating
supply is used for biasing the P-channel
MOSFET gate drivers. R1 and R2 sense
the level and polarity of the DC input
voltage. The current through R1 and the
SENSE+ input or R2 and the SENSE-
input must exceed 23
µA before the
converter will turn on.
R7 and R8
provide hysteresis for the SENSE+ and
SENSE- inputs. Jumper JMP1 disables
the self-bias feature of the SMP402.
General Circuit Operation
PI-1455-042695
R1
1.2 M
Ω
C3
100 nF
C5
100 nF
R3
20.5 k
Ω
INPUT
VOUT
+
-
C11
120 pF
L1
470
µH
C6
100 nF
C2
82
µF
R5
75 k
Ω
C4-1 nF
R4
240 k
Ω
R6
24.9 k
Ω
U1
D6
UF4002
D1
R2
1.2 M
Ω
R8
3.3 M
Ω
D2
D3
D4
4X
1N4002
JMP 1
LEVEL
POLARITY
RTN
R7
3.3 M
Ω
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com