Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5353 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5353
Description  500mA LDO in 1.6mm 횞 1.6mm Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5353 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5353 Datasheet HTML 1Page - Micrel Semiconductor MIC5353 Datasheet HTML 2Page - Micrel Semiconductor MIC5353 Datasheet HTML 3Page - Micrel Semiconductor MIC5353 Datasheet HTML 4Page - Micrel Semiconductor MIC5353 Datasheet HTML 5Page - Micrel Semiconductor MIC5353 Datasheet HTML 6Page - Micrel Semiconductor MIC5353 Datasheet HTML 7Page - Micrel Semiconductor MIC5353 Datasheet HTML 8Page - Micrel Semiconductor MIC5353 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micrel, Inc.
MIC5353
May 2010
5
M9999-052510
Typical Characteristics
Dropout Voltage
vs. Output Current
0
20
40
60
80
100
120
140
160
180
200
0
50 100 150 200 250 300 350 400 450 500
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Temperature
0
50
100
150
200
250
-40 -20
0
20
40 60
80 100 120 140
TEMPERATURE (°C)
150mA
500mA
300mA
Ground Current
vs. Output Current
80
82
84
86
88
90
92
0
100
200
300
400
500
Output Current(mA)
VOUT = 2.8V
VIN = 3.8V
Ground Current
vs. Temperature
60
70
80
90
100
110
120
-40 -20
0
20
40
60
80
100 120 140
TEMPERATURE (°C)
IOUT = 500mA
IOUT = 100μA
Output Voltage
vs. Output Current
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
0
50
100 150 200 250 300 350 400 450 500
OUTPUT CURRENT(mA)
VIN=2.8V
COUT=CIN=1μF
Current Limit
vs. Input Voltage
0.8
0.9
1
1.1
1.2
1.3
1.4
2.53
3.544.5
5
5.5
6
INPUT VOLTAGE(V)
VOUT =2.8V
CIN=COUT=1μF
PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
1,000,000 10,000,000
FREQUENCY (Hz)
100µA
300µA
500µA
COUT = 1µF
CBYP = 0.1µF
Output Noise Spectral Density
0.001
0.01
0.1
1
10
10
100
1,000
10,000
100,000
1,000,000 10,000,000
FREQUENCY (Hz)
VIN = 4.5V
COUT = 1µF
VOUT = 1.8V
ILOAD = 50mA
CBYP = 0.1µF
Output Voltage
vs. Input Voltage
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
2.6
3
3.4
3.8
4.2
4.6
5
5.4
5.8
INPUT VOLTAGE (V)
150mA
100μA
300mA
500mA
VOUT = 2.8V
CIN = COUT = 1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com