Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5353 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5353
Description  500mA LDO in 1.6mm 횞 1.6mm Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5353 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5353 Datasheet HTML 1Page - Micrel Semiconductor MIC5353 Datasheet HTML 2Page - Micrel Semiconductor MIC5353 Datasheet HTML 3Page - Micrel Semiconductor MIC5353 Datasheet HTML 4Page - Micrel Semiconductor MIC5353 Datasheet HTML 5Page - Micrel Semiconductor MIC5353 Datasheet HTML 6Page - Micrel Semiconductor MIC5353 Datasheet HTML 7Page - Micrel Semiconductor MIC5353 Datasheet HTML 8Page - Micrel Semiconductor MIC5353 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5353
500mA LDO in 1.6mm
× 1.6mm Package
ULDO is a trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2010
M9999-052510
General Description
The MIC5353 is a high-performance, single-output, ultra-
low LDO (ULDO™) regulator, offering a low total output
noise of 30μVRMS. The MIC5353 is capable of sourcing
500mA output current and offers high-PSRR and low-
output noise, making it an ideal solution for RF
applications.
The MIC5353 provides 2% accuracy, extremely low
dropout voltage (160mV @ 500mA), and low ground
current (typically 90µA) making it ideal for battery-operated
applications. When disabled, the MIC5353 enters a zero-
off-mode current state, thereby drawing almost no current.
The MIC5353 is available in the 1.6mm x 1.6mm Thin
MLF
® package, occupying only 2.56mm2 of PCB area, a
36% reduction in board area compared to SC-70 and 2mm
x 2mm Thin MLF
® packages.
The MIC5353 has an operating junction temperature range
of –40°C to +125°C and is available in fixed and adjustable
output voltages in lead-free (RoHS-compliant) Thin MLF
®
package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 500mA guaranteed output current
• Input voltage range: 2.6V to 6V
• Ultra low dropout voltage: 160mV @ 500mA
• ± 2% initial accuracy
• Ultra low output noise: 30µVrms
• Low quiescent current: 90µA
• Stable with ceramic output capacitors
• 35µs turn-on time
• Thermal shutdown and current limit protection
• Tiny 6-pin 1.6mm x 1.6mm Thin MLF® leadless package
Applications
• Mobile Phones
• GPS, PDAs, PMP, handhelds
• Portable electronics
• Digital still and video cameras
• Digital TV
_________________________________________________________________________________________________________________________
Typical Application
Portable Application


Similar Part No. - MIC5353

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5353 MICREL-MIC5353 Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353-1.8YMT MICREL-MIC5353-1.8YMT Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353-2.5YMT MICREL-MIC5353-2.5YMT Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353-2.6YMT MICREL-MIC5353-2.6YMT Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353-2.8YMT MICREL-MIC5353-2.8YMT Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
More results

Similar Description - MIC5353

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
logo
Dialight Corporation
598-8410-207F DIALIGHT-598-8410-207F Datasheet
1Mb / 2P
Micro LED SMD LED '598 SERIES' 0606 PACKAGE (1.6mm X 1.6mm X 0.7mm) Bi-Color
598-8710-307F DIALIGHT-598-8710-307F Datasheet
1Mb / 2P
Micro LED SMD LED (1.6mm X 1.6mm X 0.7mm) Tri-Color
logo
Everlight Electronics C...
PT958-8C EVERLIGHT-PT958-8C_09 Datasheet
200Kb / 7P
1.6mm Side Looking Phototransistor
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
logo
Maxim Integrated Produc...
MAX15104 MAXIM-MAX15104 Datasheet
2Mb / 10P
Small 2A, Low-Dropout Linear Regulator in a 2.7mm x 1.6mm Package
Rev 0; 4/12
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
MIC5353 MICREL-MIC5353_15 Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
logo
Vectron International, ...
VXM9 VECTRON-VXM9 Datasheet
405Kb / 3P
2.0 x 1.6mm Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com