Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3579 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3579
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Datasheet(HTML) 1 Page - Linear Technology

  LT3579 Datasheet HTML 1Page - Linear Technology LT3579 Datasheet HTML 2Page - Linear Technology LT3579 Datasheet HTML 3Page - Linear Technology LT3579 Datasheet HTML 4Page - Linear Technology LT3579 Datasheet HTML 5Page - Linear Technology LT3579 Datasheet HTML 6Page - Linear Technology LT3579 Datasheet HTML 7Page - Linear Technology LT3579 Datasheet HTML 8Page - Linear Technology LT3579 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LT3579/LT3579-1
1
35791f
TYPICAL APPLICATION
DESCRIPTION
6A Boost/Inverting
DC/DC Converter with Fault Protection
The LT®3579 is a PWM DC/DC converter with built-in fault
protection features to aid in protecting against output shorts,
input/output overvoltage, and overtemperature conditions.
Thepartconsistsofa42Vmasterswitch,anda42Vslaveswitch
that can be tied together for a total current limit of 6A.
The LT3579 is ideal for many local power supply designs. It
canbeeasilyconfiguredinBoost,SEPIC,Inverting,orFlyback
configurations, and is capable of generating 12V at 1.7A, or
–12V at 1.2A from a 5V input. In addition, the LT3579’s slave
switch allows the part to be configured in high voltage, high
power charge pump topologies that are very efficient and
require fewer components than traditional circuits.
The LT3579’s switching frequency range can be set between
200kHz and 2.5MHz. The part may be clocked internally at
a frequency set by the resistor from the RT pin to ground,
or it may be synchronized to an external clock. A buffered
version of the clock signal is driven out of the CLKOUT
pin, and may be used to synchronize other compatible
switching regulator ICs to the LT3579.
The LT3579 also features innovative SHDN pin circuitry that
allows for slowly varying input signals and an adjustable
undervoltage lockout function. Additional features such
as frequency foldback and soft-start are integrated. The
LT3579 is available in 20-lead TSSOP and 20-pin 4mm ×
5mm QFN packages.
1MHz, 5V to 12V Boost Converter with Output Short Circuit Protection
FEATURES
APPLICATIONS
n 6A, 42V Combined Power Switch
n Output Short Circuit Protection
n Wide Input Range: 2.5V to 16V Operating,
40V Maximum Transient
n LT3579-1: Dual-Phase Capable
n Master/Slave (3.4A/2.6A) Switch Design
n User Configurable Undervoltage Lockout
n Easily Configurable as a Boost, SEPIC, Inverting, or
Flyback Converter
n Low VCESAT Switch: 250mV at 5.5A (Typical)
n Can be Synchronized to External Clock
n Can Synchronize other Switching Regulators
n High Gain SHDN Pin Accepts Slowly Varying Input
Signals
n 20-Lead TSSOP and 20-Pin 4mm × 5mm QFN
Packages
n Local Power Supply
n Vacuum Flourescent Display (VFD) Bias Supplies
n TFT-LCD Bias Supplies
n Automotive Engine Control Unit (ECU) Power
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 7579816.
VIN
5V
200k
100k
86.6k
22μF
2.2μH
SW1 SW2
FB
GATE
VC
CLKOUT
VIN
VIN
RT
SYNC GND
SS
FAULT
SHDN
47pF
TEMPERATURE
MONITOR
LT3579
130k
2.2nF
10μF
VOUT
12V
1.7A
6.3k
8k
0.1μF
10μF
3579 TA01
Efficiency and Power Loss
LOAD CURRENT (A)
0
20
80
90
70
60
50
40
30
100
0
2.4
2.8
2.0
1.6
1.2
0.8
0.4
3.2
0.25
1
1.25 1.5 1.75
2
0.5
35791 TA02
0.75


Similar Part No. - LT3579

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
6A Boost/Inverting DC/DC Converter with Fault Protection
More results

Similar Description - LT3579

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
LT3581 LINER-LT3581 Datasheet
504Kb / 36P
3.3A Boost/Inverting DC/DC Converter with Fault Protection
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Linear Technology
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
6A Boost/Inverting DC/DC Converter with Fault Protection
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
Dual 3A Boost/Inverting/SEPIC DC/DC Converter
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com