Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3579 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3579
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Datasheet(HTML) 2 Page - Linear Technology

  LT3579 Datasheet HTML 1Page - Linear Technology LT3579 Datasheet HTML 2Page - Linear Technology LT3579 Datasheet HTML 3Page - Linear Technology LT3579 Datasheet HTML 4Page - Linear Technology LT3579 Datasheet HTML 5Page - Linear Technology LT3579 Datasheet HTML 6Page - Linear Technology LT3579 Datasheet HTML 7Page - Linear Technology LT3579 Datasheet HTML 8Page - Linear Technology LT3579 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LT3579/LT3579-1
2
35791f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................. –0.3V to 40V
SW1/SW2 Voltage ..................................... –0.4V to 42V
RT Voltage.................................................... –0.3V to 5V
SS, FB Voltage ......................................... –0.3V to 2.5V
VC Voltage ................................................... –0.3V to 2V
SHDN Voltage ............................................ –0.3V to 40V
SYNC Voltage............................................ –0.3V to 5.5V
GATE Voltage ............................................. –0.3V to 80V
(Note 1)
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
FB
VC
GATE
FAULT
VIN
SW1
SW1
SW1
SW1
SW1
SYNC
SS
RT
SHDN
CLKOUT
SW2
SW2
SW2
SW2
SW2
21
GND
TJMAX = 125°C, θJA = 38°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
20 19 18 17
7
8
TOP VIEW
21
GND
UFD PACKAGE
20-LEAD (4mm
5mm) PLASTIC QFN
9
10
6
5
4
3
2
1
11
12
13
14
15
16
GATE
FAULT
VIN
SW1
SW1
SW1
RT
SHDN
CLKOUT
SW2
SW2
SW2
TJMAX = 125°C, θJA = 34°C/W, θJC = 2.7°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3579EFE#PBF
LT3579EFE#TRPBF
LT3579FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3579IFE#PBF
LT3579IFE#TRPBF
LT3579FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3579EUFD#PBF
LT3579EUFD#TRPBF
3579
20-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT3579IUFD#PBF
LT3579IUFD#TRPBF
3579
20-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT3579EFE-1#PBF
LT3579EFE-1#TRPBF
LT3579FE-1
20-Lead Plastic TSSOP
–40°C to 125°C
LT3579IFE-1#PBF
LT3579IFE-1#TRPBF
LT3579FE-1
20-Lead Plastic TSSOP
–40°C to 125°C
LT3579EUFD-1#PBF
LT3579EUFD-1#TRPBF
35791
20-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT3579IUFD-1#PBF
LT3579IUFD-1#TRPBF
35791
20-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
FAULT......................................................... –0.3V to 40V
FAULT Current.....................................................±0.5mA
CLKOUT ....................................................... –0.3V to 3V
CLKOUT Current ....................................................±1mA
Operating Junction Temperature Range
LT3579E (Notes 2, 4) .........................–40°C to 125°C
LT3579I (Notes 2, 4) ..........................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com