Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3589 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 28Page - Linear Technology LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology LTC3589 Datasheet HTML 32Page - Linear Technology LTC3589 Datasheet HTML 33Page - Linear Technology LTC3589 Datasheet HTML 34Page - Linear Technology LTC3589 Datasheet HTML 35Page - Linear Technology LTC3589 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
LTC3589
32
3589p
OPERATION
Figure 17. IRQ and IRQSTAT Status Register Fault Timing
IRQ
IRQSTAT
CLIRQ
3589 F17
TSD, UV,
OR PGOOD FAULT
1 SEC
1 SEC
Figure 16. IRQ and IRQSTAT Status Register Warning Timing
IRQ
IRQSTAT
CLIRQ
3589 F16
TSD OR UV
WARNING
Figure 16 shows the timing of the IRQ and IRQSTAT
status register following a warning (VIN <2.9V or high
temperature warning) event. When a warning occurs, IRQ
is latched LOW and bit IRQSTAT[4] or IRQSTAT[5] is set.
IRQ remains LOW until I2C command register CLIRQ is
written. The status bits in the IRQSTAT register will remain
active until CLIRQ is accessed and the warning condition
has passed.
Figure 17 shows the timing of the IRQ pin and IRQSTAT
status register following a fault induced hard shutdown
event. When a fault occurs, IRQ is latched LOW and bit
IRQSTAT[3], IRQSTAT[5], or IRQSTAT[7] is set. IRQ re-
mains LOW until I2C command register CLIRQ is accessed.
When the CLIRQ command has been issued, the IRQSTAT
status bit remains set for the one second enable inhibit
time or as long as the fault condition persists, whichever
is longer.
Fault Induced Shutdown
Any of the three fault conditions will initiate a hard reset
shutdown triggering the following events: 1) A bit corre-
sponding to the fault is set in status register IRQSTAT, 2)
IRQ and WAKE pins are pulled LOW, 3) enable pin inputs
are ignored and the regulators are disabled, 4) all enable
bits and software control mode bit in the output voltage
enable OVEN command register are cleared, and 5) the
pushbutton controller is sent to the PDN state for one
second and then to POFF. Re-enabling of regulators is
inhibited until both the fault condition and the one second
time out have passed to allow regulator outputs sufficient
time to discharge. When one second timeout and the fault
condition are both passed, if PWR_ON is HIGH, WAKE will
come up and the LTC3589 will respond to any enable pins
that are also HIGH.
I2C OPERATION
I2C Interface
The LTC3589 communicates with a bus master using the
standard I2C 2-wire interface. The two bus lines, SDA and
SCL, must be HIGH when the bus is not in use. External
pull-up resistors or current sources, such as the LTC1694
SMBus accelerator, are required on these lines. The
LTC3589 is both a slave receiver and slave transmitter. The
I2C control signals, SDA and SCL are scaled internally to
the DVDD supply. DVDD should be connected to the same
power supply as the bus pull-up resistors.
The I2C port has an under voltage lockout on the DVDD
pin. When DVDD is below approximately 1V, the I2C serial
port is reset to power-on states and registers are set to
default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com