Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3589 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 29Page - Linear Technology LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology LTC3589 Datasheet HTML 32Page - Linear Technology LTC3589 Datasheet HTML 33Page - Linear Technology LTC3589 Datasheet HTML 34Page - Linear Technology LTC3589 Datasheet HTML 35Page - Linear Technology LTC3589 Datasheet HTML 36Page - Linear Technology LTC3589 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
LTC3589
33
3589p
Figure 19. LTC3589 I2C Serial Port Multiple Write Pattern
1
2
34567
8
9
0
1
1
0
1
0
0 WR
S7 S6 S5S4S3S2S1 S0
D7 D6 D5 D4 D3 D2 D1 D0
S7 S6 S5S4S3S2S1 S0
D7 D6 D5 D4 D3 D2 D1 D0
1
2
34567
8
9
1
2
3
4567
8
9
1
2
34567
8
9
1
2
34567
8
9
SCL
ADDRESS
SUB-ADDRESS
DATA
SUB-ADDRESS
DATA
3589 F19
ACK
ACK
ACK
ACK
ACK
0
11
0
0
0
0
1
START
SDA
STOP
Figure 18. LTC3589 I2C Timing
tSU, DAT
tHD, STA
tHD, DAT
SDA
SCL
tHD, STA
tHD, STA
tSU, STO
3589 F18
tBUF
tLOW
tHIGH
START
CONDITION
REPEATED START
CONDITION
STOP
START
tr
tf
tSP
OPERATION
I2C Bus Speed
The I2C port operates at speeds up to 400kHz. It has
built-in timing delays to ensure correct operation when
addressed from an I2C compliant master device. It also
contains input filters designed to suppress glitches should
the bus become corrupted.
I2C START and STOP Conditions
A bus master signals the beginning of communications
by transmitting a START condition. A START condition is
generated by transitioning SDA from HIGH to LOW while
SCL is HIGH. The master may transmit either the slave
write or the slave read address. Once data is written to the
LTC3589, the master may transmit a STOP condition that
commands the LTC3589 to act upon its new command set.
A STOP condition is sent by the master by transitioning
SDA from LOW to HIGH while SCL is HIGH. The bus it then
free for communication with another I2C device.
I2C Byte Format
Each byte sent to or received from the LTC3589 must
be 8 bits long followed by an extra clock cycle for the
acknowledge bit. The data should be sent to the LTC3589
most significant bit (MSB) first.
I2C Acknowledge
The acknowledge signal is used for handshaking between
the master and the slave. When the LTC3589 is written
to (write address), it acknowledges its write address and
subsequent register address and data bytes. When read-
ing from the LTC3589, it acknowledges its read address
and 8-bit status byte.
An acknowledge pulse (active LOW) generated by the
LTC3589 lets the master know that the latest byte of informa-
tion was transferred. The master generates the clock cycle
and releases the SDA line (HIGH) during the acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com