Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3632 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3632
Description  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3632 Datasheet HTML 9Page - Linear Technology LTC3632 Datasheet HTML 10Page - Linear Technology LTC3632 Datasheet HTML 11Page - Linear Technology LTC3632 Datasheet HTML 12Page - Linear Technology LTC3632 Datasheet HTML 13Page - Linear Technology LTC3632 Datasheet HTML 14Page - Linear Technology LTC3632 Datasheet HTML 15Page - Linear Technology LTC3632 Datasheet HTML 16Page - Linear Technology LTC3632 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC3632
13
3632fb
APPLICATIONS INFORMATION
The resistive divider allows the VFB pin to sense a fraction
of the output voltage as shown in Figure 6. Output voltage
adjustment range is from 0.8V to VIN.
VFB
LTC3632
GND
VOUT
R2
3632 F06
R1
Figure 6. Setting the Output Voltage
To minimize the no-load supply current, resistor values in
the megohm range should be used; however, large resistor
values should be used with caution. The feedback divider
is the only load current when in shutdown. If PCB leak-
age current to the output node or switch node exceeds
the load current, the output voltage will be pulled up. In
normal operation, this is generally a minor concern since
the load current is much greater than the leakage. The
increase in supply current due to the feedback resistors
can be calculated from:
IVIN =
VOUT
R1+R2
•
VOUT
VIN
Run Pin with Programmable Hysteresis
The LTC3632 has a low power shutdown mode controlled
by the RUN pin. Pulling the RUN pin below 0.7V puts the
LTC3632 into a low quiescent current shutdown mode
(IQ ~ 3μA). When the RUN pin is greater than 1.2V, the
controller is enabled. Figure 7 shows examples of con-
figurations for driving the RUN pin from logic.
LTC3632
RUN
4.7M
VIN
3632 F07
LTC3632
RUN
VSUPPLY
Figure 7. RUN Pin Interface to Logic
The RUN pin can alternatively be configured as a precise
undervoltage lockout (UVLO) on the VIN supply with a
resistive divider from VIN to ground. The RUN pin com-
parator nominally provides 10% hysteresis when used in
this method; however, additional hysteresis may be added
with the use of the HYST pin. The HYST pin is an open-
drain output that is pulled to ground whenever the RUN
comparator is not tripped. A simple resistive divider can
be used as shown in Figure 8 to meet specific VIN voltage
requirements.
RUN
LTC3632
HYST
VIN
R2
R1
R3
3632 F08
Figure 8. Adjustable Undervoltage Lockout
Specific values for these UVLO thresholds can be computed
from the following equations:
Rising VIN UVLO Threshold = 1.21V • 1+
R1
R2
Falling VIN UVLO Threshold = 1.10V • 1+
R1
R2 +R3
The minimum value of these thresholds is limited to the
internal VIN UVLO thresholds that are shown in the Electri-
cal Characteristics table. The current that flows through
this divider will directly add to the shutdown, sleep and
active current of the LTC3632, and care should be taken to
minimize the impact of this current on the overall efficiency
of the application circuit. Resistor values in the megohm
range may be required to keep the impact on quiescent
shutdown and sleep currents low. Be aware that the HYST
pin cannot be allowed to exceed its absolute maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com