Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3632 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3632
Description  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Datasheet(HTML) 2 Page - Linear Technology

  LTC3632 Datasheet HTML 1Page - Linear Technology LTC3632 Datasheet HTML 2Page - Linear Technology LTC3632 Datasheet HTML 3Page - Linear Technology LTC3632 Datasheet HTML 4Page - Linear Technology LTC3632 Datasheet HTML 5Page - Linear Technology LTC3632 Datasheet HTML 6Page - Linear Technology LTC3632 Datasheet HTML 7Page - Linear Technology LTC3632 Datasheet HTML 8Page - Linear Technology LTC3632 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC3632
2
3632fb
ABSOLUTE MAXIMUM RATINGS
VIN Supply Voltage..................................... –0.3V to 60V
SW Voltage (DC) ............................–0.3V to (VIN + 0.3V)
RUN Voltage .............................................. –0.3V to 60V
VFB, HYST, ISET, SS Voltages......................... –0.3V to 6V
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
(Note 1)
1
2
3
4
SW
VIN
ISET
SS
8
7
6
5
GND
HYST
VFB
RUN
TOP VIEW
9
GND
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W, θJC = 5°-10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
9
GND
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
SW
VIN
ISET
SS
GND
HYST
VFB
RUN
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS8E ................................................................ 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3632EMS8E#PBF
LTC3632EMS8E#TRPBF
LTFFZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3632IMS8E#PBF
LTC3632IMS8E#TRPBF
LTFFZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3632EDD#PBF
LTC3632EDD#TRPBF
LFGB
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3632IDD#PBF
LTC3632IDD#TRPBF
LFGB
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com