Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4280 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4280
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280 Datasheet(HTML) 2 Page - Linear Technology

  LTC4280 Datasheet HTML 1Page - Linear Technology LTC4280 Datasheet HTML 2Page - Linear Technology LTC4280 Datasheet HTML 3Page - Linear Technology LTC4280 Datasheet HTML 4Page - Linear Technology LTC4280 Datasheet HTML 5Page - Linear Technology LTC4280 Datasheet HTML 6Page - Linear Technology LTC4280 Datasheet HTML 7Page - Linear Technology LTC4280 Datasheet HTML 8Page - Linear Technology LTC4280 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC4280
2
4280f
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ................................. –0.3V to 24V
Supply Voltage (INTVCC) ........................... –0.3V to 6.5V
Input Voltages
GATE-SOURCE (Note 3)........................... –0.3V to 5V
SENSE+, SENSE– ................ VDD – 0.3V to VDD + 0.3V
SOURCE.................................................... –5V to 24V
EN, FB, ON, OV, UV ................................ –0.3V to 12V
ADR0, ADR1, ADR2, TIMER,
ADIN, FILTER .........................–0.3V to INTVCC + 0.3V
ALERT SCL, SDA, SDAI, SDAO ............. –0.3V to 6.5V
Output Voltages
GATE, GPIO............................................ –0.3V to 24V
Operating Temperature Range
LTC4280C ................................................ 0°C to 70°C
LTC4280I..............................................–40°C to 85°C
Storage Temperature Range
SSOP .................................................–65°C to 150°C
QFN....................................................–65°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................ 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4280CUFD#PBF
LTC4280CUFD#TRPBF
4280
24-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
LTC4280IUFD#PBF
LTC4280IUFD#TRPBF
4280
24-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4280CUFD
LTC4280CUFD#TR
4280
24-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
LTC4280IUFD
LTC4280IUFD#TR
4280
24-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
(Notes 1, 2)
8
9
TOP VIEW
25
UFD PACKAGE
24-LEAD (4mm
5mm) PLASTIC QFN
10 11 12
24 23 22 21 20
6
5
4
3
2
1
UV
OV
FILTER
GND
ON
EN
SDAO
FB
GPIO
INTVCC
TIMER
ADIN
ADR2
ADR1
7
14
15
16
17
18
19
13
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 25) NOT GUARANTEED LOW IMPEDANCE TO GND,
ELECTRICAL CONNECTION OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com