Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4280 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4280
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280 Datasheet(HTML) 3 Page - Linear Technology

  LTC4280 Datasheet HTML 1Page - Linear Technology LTC4280 Datasheet HTML 2Page - Linear Technology LTC4280 Datasheet HTML 3Page - Linear Technology LTC4280 Datasheet HTML 4Page - Linear Technology LTC4280 Datasheet HTML 5Page - Linear Technology LTC4280 Datasheet HTML 6Page - Linear Technology LTC4280 Datasheet HTML 7Page - Linear Technology LTC4280 Datasheet HTML 8Page - Linear Technology LTC4280 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC4280
3
4280f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VDD
Input Supply Range
l
2.9
15
V
VOV(VDD)
Input Supply Overvoltage Threshold
l
15
15.6
16.5
V
IDD
Input Supply Current
l
35
mA
VDD(UVL)
Input Supply Undervoltage Lockout
VDD Rising
l
2.75
2.84
2.89
V
VDD(HYST)
Input Supply Undervoltage Lockout Hysteresis
l
75
100
125
mV
INTVCC
Internal Regulator Voltage
VDD ≥ 3.3V
l
2.9
3.1
3.4
V
INTVCC(UVL)
INTVCC Undervoltage Lockout
INTVCC Rising
l
2.55
2.64
2.79
V
INTVCC(HYST)
INTVCC Undervoltage Lockout Hysteresis
l
20
55
75
mV
Current Limit and Circuit Breaker
ΔVSENSE(TH)
Circuit Breaker Threshold (VDD – VSENSE)
l
22.5
25
27.5
mV
ΔVSENSE
Current Limit Voltage (VDD – VSENSE)VFB = 1.3V
VFB = 0V
l
l
22.5
7
26
10
29.5
13.5
mV
mV
ISENSE(IN)
SENSE +/– Input Current
VSENSE = 12V
l
10
20
35
μA
Gate Drive
ΔVGATE
External N-Channel Gate Drive (VGATE – VSOURCE)
(Note 3)
VDD = 2.9V to 15V
l
4.7
5.9
6.5
V
IGATE(UP)
External N-Channel Gate Pull-Up Current
Gate On, VGATE = 0V
l
–15
–20
–30
μA
IGATE(DN)SLOW
External N-Channel Gate Pulldown Current
Gate Off, VGATE = 15V
l
0.8
1
1.6
mA
IGATE(DN)FAST
Pulldown Current From GATE to SOURCE
During OC/UVLO
VDD – SENSE = 100mV, VGS = 4V
l
300
450
700
mA
tPHL(SENSE)
(VDD – SENSE) High to GATE Low
VDD – SENSE = 100mV, CGS = 10nF
l
0.5
1
μs
VGS(POWERBAD)
Gate-Source Voltage for Power Bad Fault
VSOURCE = 2.9V – 15V
l
3.8
4.3
4.7
V
Comparator Inputs
VON(TH)
ON Pin Threshold Voltage
VON Rising
l
1.210
1.235
1.26
V
ΔVON(HYST)
ON Pin Hysteresis
l
60
128
180
mV
ION(IN)
ON Pin Input Current
VON = 1.2V
l
0
±1
μA
VEN(TH)
EN Input Threshold
VEN = Rising
l
1.215
1.235
1.255
V
ΔVEN(HYST)
EN Hysteresis
l
50
128
200
mV
IEN
EN Pin Input Current
EN = 3.5V
l
0
±1
μA
VOV(TH)
OV Pin Threshold Voltage
VOV Rising
l
1.215
1.235
1.255
V
ΔVOV(HYST)
OV Pin Hysteresis
l
10
30
40
mV
IOV(IN)
OV Pin Input Current
VOV = 1.8V
l
0
±1
μA
VUV(TH)
UV Pin Threshold Voltage
VUV Rising
l
1.215
1.235
1.255
V
ΔVUV(HYST)
UV Pin Hysteresis
l
60
80
100
mV
IUV(IN)
UV Pin Input Current
VUV = 1.8V
l
0
±1
μA
VUV(RTH)
UV Pin Reset Threshold Voltage
VUV Falling
l
0.33
0.4
0.47
V
ΔVUV(RHYST)
UV Pin Reset Threshold Hysteresis
l
60
125
210
mV
VFB
Foldback Pin Power Good Threshold
FB Rising
l
1.215
1.235
1.255
V
ΔVFB(HYST)
FB Pin Power Good Hysteresis
l
38
15
mV
IFB
Foldback Pin Input Current
FB = 1.8V
l
0
±1
μA
VGPIO(TH)
GPIO Pin Input Threshold
VGPIO Rising
l
0.8
1
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com