Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6761FS Datasheet(PDF) 10 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 10 Page - Rohm

Back Button BD6761FS Datasheet HTML 6Page - Rohm BD6761FS Datasheet HTML 7Page - Rohm BD6761FS Datasheet HTML 8Page - Rohm BD6761FS Datasheet HTML 9Page - Rohm BD6761FS Datasheet HTML 10Page - Rohm BD6761FS Datasheet HTML 11Page - Rohm BD6761FS Datasheet HTML 12Page - Rohm BD6761FS Datasheet HTML 13Page - Rohm BD6761FS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
10/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
2)BD6762FV
Forward rotation (F/R=Low), 120° (120/SL=High)
Input conditions
Output state
High-side gate
Low-side gate
Output
Pin No.
15
17
19
3
6
9
5
8
11
4
7
10
HU+
HV+
HW+
UHG
VHG
WHG
ULG
VLG
WLG
U
V
W
Condition 1
L
L
H
L
H
L
L
L
H
M
H
L
Condition 2
H
L
H
L
H
L
H
L
L
L
H
M
Condition 3
H
L
L
L
L
H
H
L
L
L
M
H
Condition 4
H
H
L
L
L
H
L
H
L
M
L
H
Condition 5
L
H
L
H
L
L
L
H
L
H
L
M
Condition 6
L
H
H
H
L
L
L
L
H
H
M
L
Reverse rotation (F/R=High), 120° (120/SL=High)
Input condition
Output state
High-side gate
Low-side gate
Output
Pin No.
15
17
19
3
6
9
5
8
11
4
7
10
HU+
HV+
HW+
UHG
VHG
WHG
ULG
VLG
WLG
U
V
W
Condition 1
L
L
H
L
L
H
L
H
L
M
L
H
Condition 2
H
L
H
H
L
L
L
H
L
H
L
M
Condition 3
H
L
L
H
L
L
L
L
H
H
M
L
Condition 4
H
H
L
L
H
L
L
L
H
M
H
L
Condition 5
L
H
L
L
H
L
H
L
L
L
H
M
Condition 6
L
H
H
L
L
H
H
L
L
L
M
H
ST/SP
Mode
OPEN or High
Standby
L
Operating mode
<
Input condition>
Hall input voltage
H : 2.0V
M : 1.5V
L
:
1.0V
HU-, HV-, HW-
:
M
<
Output criteria>
High-side FET gate voltage
: L≦output (U, V, W) + 1V, VG - 1V≦H
Low-side FET gate voltage
: L≦1V, 9V≦H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com