| Electronic Components Datasheet Search |
|
BD6761FS Datasheet(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BD6761FS Datasheet(HTML) 1 Page - Rohm |
|
1 / 23 page ![]() 1/22 www.rohm.com 2010.06 - Rev.A © 2010 ROHM Co., Ltd. All rights reserved. Motor Drivers for Printers Three-phase Brushless Motor Pre-drivers for Paper Feed BD6761FS,BD6762FV ● Description This product is the motor predriver for high-side/low-side N-channel MOS-FET drive, which has the built-in booster (step-up) circuit. BD6761FS uses the drive type controlled by the servo signal input from outside and BD6762FV incorporates a servo circuit (Speed discriminator + PLL servo). ● Features 1) Predriver for high-side/low-side N-channel MOS-FET 2) Built-in booster (step-up) circuit 3) Built-in FG and hysteresis amplifiers 4) Built-in current limit circuit 5) Built-in thermal shutdown circuit 6) Built-in forward/reverse rotation switching circuit (BD6761FS, FD6762FV) 7) Built-in short brake circuit (BD6761FS, BD6762FV) 8) Built-in low voltage protection circuit (BD6761FS, BD6762FV) 9) Built-in speed lock detection circuit (BD6762FV) 10) Built-in motor lock protection circuit (BD6762FV) 11) Built-in start-stop circuit (BD6762FV) 12) Built-in servo circuit (Speed discriminator + PLL) (BD6762FV) 13) Built-in frequency multiplication circuit (BD6762FV) 14) 180°, direct PWM drive (BD6761FS) 15) 120°, slope switchable direct PWM drive (BD6762FV) ● Applications Main motor for paper feed of the laser beam printer and PPC ● Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Ratings Unit BD6761FS BD6762FV Applied voltage VCC 36 36 V Applied voltage VG 36 36 V Pin input voltage Vin VREG VREG V Power dissipation Pd 950 (※1) 1100 (※2) mW Operating temperature range TOPR -35 ~ +75 -25 ~ +75 ℃ Storage temperature range TSTG -40 ~ +150 -40 ~ +150 ℃ Junction temperature Tjmax 150 150 ℃ ※ 1 Reduced by 7.6 mW/℃ over 25°℃, when mounted on a glass epoxy board (70 mm 70 mm 1.6 mm). ※ 2 Reduced by 8.8 mW/℃ over 25℃, when mounted on a glass epoxy board (70 mm 70 mm 1.6 mm). ● Line up Matrix BD6761FS BD6762FV Unit Power supply voltage (VCC) 16~28 16~28 V Drive type 180° 120° / 120° slope - Servo No Yes - No.10016EAT01 |
Similar Part No. - BD6761FS |
|
Similar Description - BD6761FS |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |