Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX15 Datasheet(PDF) 3 Page - Power-One

Part # IMX15
Description  15 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMX15 Datasheet(HTML) 3 Page - Power-One

  IMX15 Datasheet HTML 1Page - Power-One IMX15 Datasheet HTML 2Page - Power-One IMX15 Datasheet HTML 3Page - Power-One IMX15 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.com
Edition 4/04.2001
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
IMX 15, IMY 15 Series
15 Watt DC-DC Converters
50.8 (2")
10.5 (0.41")
0.8 (0.03")
45.72 (1.8")
S09011
1
4
11
17
47 (1.85")
Fixing hole for
M2 or KA 22
self tapping screws
Measuring point of case temperature
TC
2
3
12
13
15
bottom view
50.8 (2")
11.2
(0.44")
45.72 (1.8")
S90010
1
5
Measuring point of case temperature
TC
2
3
4
0.5 (0.02")
45.72 (1.8")
bottom view
ø 1.0 (0.04")
C pinout (option C)
Standard and option K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com